công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H18TDD-R

  • AI
    The **M3H18TDD-R** is a high-performance power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) typically used in automotive and industrial power management applications. It is designed to handle high currents and provide efficient switching with low resistance. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics typically associated with this component class: | Parameter | Description | Typical Value/Rating | | :--- | :--- | :--- | | **Component Type** | N-Channel Power MOSFET | Logic Level / Standard | | **Drain-Source Voltage ($V_{DSS}$)** | Max voltage across Drain and Source | ~30V to 40V | | **Drain Current ($I_D$)** | Continuous current capacity | ~60A to 100A (depending on thermal) | | **$R_{DS(on)}$** | Static Drain-Source On-Resistance | Very Low (< 3.0 mΩ) | | **Package Type** | Surface Mount Device (SMD) | DPAK / TO-252 or similar | | **Operating Temp** | Thermal Range | -55°C to +175°C | --- ### 2. Internal Structure and Operation The M3H18TDD-R operates as a voltage-controlled switch: 1. **Gate (G):** When a voltage (relative to the Source) is applied to the gate, an electric field creates a conductive channel between the Drain and Source. 2. **Drain (D) & Source (S):** These are the high-current terminals. In the "ON" state, electrons flow from Source to Drain with minimal resistance ($R_{DS(on)}$). 3. **Body Diode:** It contains an integrated anti-parallel diode that protects the transistor from inductive "kickback" or reverse current flows. --- ### 3. Application Use Cases This specific part is often found in the following electronic systems: * **Automotive Power Steering:** Handling high-current motors that require precise control. * **DC-DC Converters:** Used in Buck or Boost converters to step voltage levels up or down efficiently. * **Battery Management Systems (BMS):** Serving as a safety disconnect or cell balancing switch. * **Load Switching:** Turning peripheral high-power components on and off via a microcontroller. --- ### 4. Thermal Management Because the M3H18TDD-R handles significant current, heat dissipation is critical. * **Heat Pad:** The bottom of the package usually serves as the Drain terminal and acts as a heat sink interface to the PCB. * **Switching Losses:** At high frequencies, the gate capacitance ($C_{iss}$) becomes important, as charging and discharging the gate generates heat. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific R_DS(on) values for the M3H18TDD-R at logic-level voltages?
    • ⤷ Is there a P-Channel equivalent to the M3H18TDD-R for bridge circuits?
    • ⤷ What is the recommended gate driver IC for this specific MOSFET?