công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H18TCD-R

  • AI
    ## Technical Overview: M3H18TCD-R The **M3H18TCD-R** is a high-performance, automotive-grade N-channel Power MOSFET developed by **Rohm Semiconductor**. It is designed specifically for power management applications where efficiency and reliability are critical. --- ### 1. Key Technical Specifications Below is a summary of the fundamental electronic characteristics: | Parameter | Value | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 30V | Maximum voltage the device can withstand across drain and source. | | **Continuous Drain Current ($I_D$)** | 60A | Maximum current at $T_c = 25°C$. | | **Static Drain-Source On-State Resistance ($R_{DS(on)}$)** | 1.8mΩ | Resistance when the MOSFET is fully "on" (Typ. at $V_{GS}=10V$). | | **Gate Threshold Voltage ($V_{GS(th)}$)** | 1.0V to 2.5V | Voltage required to begin turning the device on. | | **Total Gate Charge ($Q_g$)** | 45nC | Amount of charge required to switch the gate (Typ.). | | **Operating Temperature ($T_j$)** | -55°C to +175°C | Thermal range suitable for engine compartments. | --- ### 2. Physical and Structural Design * **Package Type:** TO-252 (also known as **DPAK**). This is a surface-mount package designed for high power dissipation and low thermal resistance. * **AEC-Q101 Qualified:** This part meets the rigorous reliability standards required for the automotive industry, meaning it is resistant to mechanical stress, moisture, and extreme temperature cycling. --- ### 3. Core Electronic Features 1. **Low On-Resistance ($R_{DS(on)}$):** At only 1.8mΩ, this MOSFET minimizes conduction losses. This is critical for preventing heat buildup in high-current applications. 2. **Logic Level Drive:** The low gate threshold voltage allows the device to be driven directly by logic circuits or microcontrollers, though a dedicated gate driver is recommended for high-speed switching. 3. **High Power Density:** The combination of the DPAK package and advanced silicon technology allows for a high current rating (60A) in a relatively small footprint. --- ### 4. Common Applications Due to its robust nature, the M3H18TCD-R is typically found in: * **DC/DC Converters:** Used in automotive power systems to step down voltage. * **Motor Drivers:** Controlling brushless DC (BLDC) motors in fans, pumps, or power steering. * **Load Switches:** Acting as an electronic relay to turn subsystems on or off. * **Battery Management Systems (BMS):** Managing charge and discharge cycles in electric vehicles. ---
    ✨ Follow-up Questions
    • ⤷ How does the 1.8mΩ resistance compare to standard MOSFETs in terms of efficiency?
    • ⤷ What are the specific thermal management requirements for the TO-252 package?
    • ⤷ Can you explain the significance of the AEC-Q101 qualification for this specific part?