M3H18TBD-R
AI

The **M3H18TBD-R** is a specific high-performance microcontroller unit (MCU) from Renesas Electronics, belonging to the **R-Car M3-W** (M3 Series) family. This System-on-Chip (SoC) is designed primarily for automotive applications, specifically In-Vehicle Infotainment (IVI) and integrated cockpit systems.
---
## 1. Core Architecture
The M3H18TBD-R utilizes a heterogeneous multi-core architecture to balance high-performance processing with power efficiency.
| Component | Specifications |
| :--- | :--- |
| **Main CPU** | ARM® Cortex®-A57 Quad-core + Cortex®-A53 Quad-core |
| **Real-time CPU** | Dual Cortex®-R7 (for functional safety and fast boot) |
| **GPU** | Imagination Technologies PowerVR™ Series8XT (GT8600) |
| **Process Node** | 16nm FinFET technology |
---
## 2. Key Functional Blocks
The "electronic parts" within this SoC are categorized by their specific tasks:
### Graphics and Multimedia
* **3D Graphics:** The PowerVR GPU supports OpenGL ES 3.2 and Vulkan 1.0, enabling complex 3D instrument clusters and navigation.
* **Video Processing:** Hardware accelerators for H.265/HEVC and H.264/AVC encoding/decoding at 4K resolution.
* **Image Signal Processor (ISP):** Processes raw data from vehicle cameras for Advanced Driver Assistance Systems (ADAS).
### Memory and Storage Interfaces
* **LPDDR4/LPDDR4X:** Supports high-speed RAM interfaces to handle massive data throughput for graphics and AI.
* **HyperFlash / QSPI:** For fast booting of the operating system.
* **eMMC 5.1:** Primary non-volatile storage interface.
### Automotive Connectivity
The M3H18TBD-R includes specific automotive peripherals:
* **CAN-FD:** Controller Area Network with Flexible Data-rate.
* **Ethernet AVB/TSN:** Audio Video Bridging for high-speed deterministic networking.
* **PCI Express (PCIe) Gen2:** For high-speed peripheral expansion.
---
## 3. Physical & Electrical Characteristics
As an automotive-grade component, the physical packaging is designed for harsh environments.
* **Package Type:** FCBGA (Flip Chip Ball Grid Array).
* **Operating Temperature:** Automotive Grade (typically -40°C to +105°C).
* **Functional Safety:** Compliant with ISO 26262 (ASIL-B) requirements.
---
## 4. Software Ecosystem
The hardware is designed to support virtualization, allowing multiple operating systems to run concurrently:
1. **QNX / Green Hills:** For safety-critical functions (Instrument clusters).
2. **Automotive Grade Linux (AGL) / Android:** For infotainment and apps.
3. **Hypervisor:** A software layer that manages the hardware resources between these OSs.
- ⤷
What are the main differences between the M3 and H3 R-Car series?
- ⤷ Does the M3H18TBD-R support hardware-accelerated Deep Learning?
- ⤷ What is the specific pin count and ball pitch for the FCBGA package?