M3H18FAG-R
AI

The **M3H18FAG-R** is a high-performance **N-Channel Power MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by **Renesas Electronics**. It is specifically designed for automotive and industrial power switching applications where efficiency and robustness are critical.
---
### ## Technical Specifications
Below are the key electrical characteristics of the M3H18FAG-R:
| Parameter | Symbol | Typical Value / Limit |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 40 V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 V |
| **Continuous Drain Current** | $I_D$ | ~110 A (at $T_C = 25^\circ C$) |
| **On-State Resistance** | $R_{DS(on)}$ | ~1.3 mΩ (Max @ $V_{GS} = 10V$) |
| **Total Gate Charge** | $Q_g$ | ~75 nC |
| **Package Type** | - | TO-252 (DPAK) / HPAK |
| **AEC-Q101 Qualified** | - | Yes (Automotive Grade) |
---
### ### Key Features and Benefits
1. **Ultra-Low On-Resistance ($R_{DS(on)}$):**
With a resistance as low as 1.3 mΩ, the device minimizes conduction losses, making it highly efficient for high-current applications and reducing heat generation.
2. **Logic Level Drive:**
The MOSFET is designed to be fully "on" with a gate voltage around 4.5V to 10V, allowing it to be interfaced with various gate drivers and microcontrollers.
3. **Automotive Reliability:**
Being AEC-Q101 qualified, it is tested to withstand harsh environments, including extreme temperature cycles and mechanical vibrations found in vehicle systems.
4. **High Power Density:**
Despite its small footprint (typically a DPAK or similar surface-mount package), it can handle very high currents due to optimized lead-frame and die technology.
---
### ### Common Applications
* **Automotive Power Steering (EPS):** High current handling for motor control.
* **DC-DC Converters:** High-frequency switching for voltage regulation.
* **Battery Management Systems (BMS):** Load switching and protection circuits in electric vehicles.
* **Motor Drives:** Used in H-bridge configurations for brushed and brushless DC motors.
---
### ### Internal Structure (Simplified)
The M3H series utilizes a trench-gate structure to pack more cells into a smaller area, which is what allows for the low resistance and high current rating.
```mermaid
graph LR
G[Gate] -- Controlling Voltage --> CH[Channel]
S[Source] -- Electrons Flow --> CH
CH -- Through Silicon --> D[Drain]
```
- ⤷
What are the thermal management requirements for the M3H18FAG-R at 100A?
- ⤷ How does the M3H18FAG-R compare to similar MOSFETs from Infineon or STMicroelectronics?
- ⤷ What is the specific gate-source threshold voltage for this model?