M3H17FAG-R
AI

The **M3H17FAG-R** is a high-performance **Power MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by **Rohm Semiconductor**. It belongs to their SiC (Silicon Carbide) Schottky Barrier Diode integrated MOSFET series, specifically designed for high-efficiency power conversion.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the M3H17FAG-R:
| Parameter | Value |
| :--- | :--- |
| **Component Type** | SiC (Silicon Carbide) MOSFET |
| **Drain-Source Voltage ($V_{DSS}$)** | 650V |
| **Continuous Drain Current ($I_D$)** | 30A (at $T_C = 25^\circ C$) |
| **Static Drain-Source On-Resistance ($R_{DS(on)}$)** | Typ. 60mΩ |
| **Package Type** | TO-263-7 (Surface Mount) |
| **Gate-Source Voltage ($V_{GSS}$)** | -4V to +22V |
---
### 2. Core Features
* **Silicon Carbide (SiC) Technology:** Unlike traditional Silicon MOSFETs, SiC allows for much faster switching speeds and lower energy loss at high temperatures.
* **Low On-Resistance:** The low $R_{DS(on)}$ reduces conduction losses, which is critical for maintaining thermal efficiency in compact designs.
* **High Thermal Conductivity:** SiC material dissipates heat more effectively than standard Silicon, allowing the part to operate reliably under high power density.
* **7-Pin Package:** The TO-263-7 package provides a dedicated **Source Sense** pin, which minimizes the influence of source inductance on the gate drive, leading to cleaner and faster switching.
---
### 3. Functional Blocks & Pins
The 7-pin configuration is a specific design choice to optimize performance:
1. **Drain (Large Tab):** High voltage input/output.
2. **Gate:** Controls the switching state of the MOSFET.
3. **Source Sense:** Used for the gate-driver return path to prevent voltage spikes from interfering with the control signal.
4. **Source:** Main power current return path.
---
### 4. Typical Applications
Due to its high voltage rating and fast switching capabilities, the M3H17FAG-R is commonly found in:
* **EV Charging Stations:** DC/DC converters and AC/DC rectifiers.
* **Solar Inverters:** Converting DC power from panels to grid-standard AC.
* **Switch Mode Power Supplies (SMPS):** High-efficiency industrial power units.
* **Motor Drives:** Controlling high-power industrial motors with minimal energy loss.
---
- ⤷
What are the advantages of using the Source Sense pin in this MOSFET?
- ⤷ How does Silicon Carbide (SiC) compare to standard Silicon (Si) for power loss?
- ⤷ What is the recommended gate driver voltage for the M3H17FAG-R?