công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H16TAD-R

  • AI
    The **M3H16TAD-R** is a high-performance, automotive-grade MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by **Renesas Electronics**. It is specifically designed for high-current switching applications and is built using Trench MOS technology. --- ### ## Technical Specifications Below is a breakdown of the key electronic parameters for this component: | Parameter | Symbol | Specification | | :--- | :--- | :--- | | **Drain-to-Source Voltage** | $V_{DSS}$ | 40 V | | **Gate-to-Source Voltage** | $V_{GSS}$ | ±20 V | | **Continuous Drain Current** | $I_D$ | 160 A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | 1.15 mΩ (typ) @ $V_{GS}$ = 10V | | **Total Gate Charge** | $Q_g$ | 105 nC (typ) | | **Operating Temperature** | $T_{ch}$ | Up to 175°C | | **Package Type** | TO-263 | 7-pin Surface Mount (HPAK) | --- ### ## Key Features 1. **Low On-Resistance ($R_{DS(on)}$):** With a typical resistance of only 1.15 mΩ, this part minimizes power dissipation during the "on" state, which is critical for efficiency in high-power circuits. 2. **Automotive Qualification:** It is **AEC-Q101 compliant**, meaning it is rigorously tested for reliability under harsh environmental conditions (vibration, thermal cycling, and humidity). 3. **High-Temperature Operation:** The maximum channel temperature of 175°C allows it to be used in engine compartments or near high-heat components. 4. **HPAK Package:** The 7-pin TO-263 package provides superior thermal dissipation and lower lead inductance compared to standard 3-pin packages. --- ### ## Circuit Symbols and Pinout The M3H16TAD-R is an **N-Channel** enhancement mode MOSFET. * **Gate (G):** Controls the switching of the MOSFET. * **Drain (D):** The positive terminal where the load is typically connected. * **Source (S):** The negative terminal (usually connected to ground in low-side switching). --- ### ## Common Applications Due to its high current handling and reliability, it is found in: * **Electric Power Steering (EPS):** Controlling the motor that assists steering. * **Battery Management Systems (BMS):** High-current disconnection and protection. * **DC-DC Converters:** High-frequency switching for voltage regulation in EVs. * **Motor Drives:** BLDC motor control for automotive fans and pumps.
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal resistance values for the HPAK package of this MOSFET?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller
    • ⤷ or does it require a gate driver?
    • ⤷ What are the recommended soldering profiles for the M3H16TAD-R in mass production?