công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3H13FAG-R

  • AI
    ## Detailed Technical Overview of M3H13FAG-R The **M3H13FAG-R** is a high-performance **N-Channel Power MOSFET** manufactured by **Toshiba**. It belongs to the U-MOS IX-H series, which is specifically designed for high-efficiency power conversion and motor control applications. --- ### 1. Key Technical Specifications | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30 V | | **Continuous Drain Current** | $I_D$ | 100 A (max) | | **Drain-Source On-Resistance** | $R_{DS(ON)}$ | 1.1 mΩ (typ.) @ $V_{GS}$ = 10V | | **Total Gate Charge** | $Q_g$ | 54 nC | | **Package Type** | SOP Advance | TSON Advance (3.3x3.3mm) | | **Channel Temperature** | $T_{ch}$ | 175 °C | --- ### 2. Core Features and Benefits * **Ultra-Low On-Resistance ($R_{DS(ON)}$):** By minimizing the resistance when the transistor is "on," the device significantly reduces conduction losses, making it ideal for high-current applications. * **High-Speed Switching:** The low gate charge ($Q_g$) allows for faster transitions between states, reducing switching losses in high-frequency DC-DC converters. * **Thermal Robustness:** With a maximum channel temperature of 175°C, it provides a higher safety margin and reliability under heavy thermal loads compared to standard 150°C MOSFETs. * **Small Form Factor:** The TSON Advance package offers a compact footprint while maintaining excellent heat dissipation properties through an exposed thermal pad. --- ### 3. Common Applications The M3H13FAG-R is widely utilized in the following electronic circuits: 1. **DC-DC Converters:** Used in point-of-load (POL) modules for servers and telecommunications equipment. 2. **Motor Drivers:** Efficiently controls brushless DC (BLDC) motors in power tools and drones. 3. **Load Switches:** Acts as a high-efficiency switch for power rail management in portable electronics. 4. **Synchronous Rectification:** Used on the secondary side of AC-DC power supplies to improve energy efficiency. --- ### 4. Circuit Implementation Example When designing with this MOSFET, a gate resistor ($R_G$) is typically used to control the switching speed and suppress ringing caused by parasitic inductance. ```c // Example: Basic PWM Control Logic for Gate Driver if (PWM_SIGNAL == HIGH) { Gate_Voltage = 10V; // Fully enhances the N-channel } else { Gate_Voltage = 0V; // Device enters cutoff mode } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of the TSON Advance package over the traditional SO-8?
    • ⤷ How does the gate charge (Qg) impact the selection of a gate driver for this MOSFET?
    • ⤷ What are the recommended cooling strategies for managing 100A current in this device?