M3H11TAD-R
AI

## Overview of the M3H11TAD-R
The **M3H11TAD-R** is a specific part number belonging to the **M3H Group** of the **TXZ+™ Family Advanced Class** microcontrollers, manufactured by **Toshiba**. These microcontrollers are based on the ARM® Cortex®-M3 core and are designed for high-speed data processing and consumer/industrial device control.
---
### 1. Core Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Max Operating Frequency** | 120 MHz |
| **Operating Voltage** | 2.7V to 5.5V |
| **Flash Memory** | 256 KB |
| **RAM** | 32 KB |
| **Package** | LQFP100 (14mm x 14mm, 0.5mm pitch) |
---
### 2. Key Peripheral Modules
The "TAD-R" suffix indicates a specific configuration of pins, memory, and functional blocks. Below are the primary electronic components integrated within this MCU:
#### A. Analog Components
* **12-bit ADC:** High-speed Analog-to-Digital Converter (up to 21 channels) with a 1.0 $\mu$s conversion speed.
* **8-bit DAC:** 2-channel Digital-to-Analog Converter for signal generation.
#### B. Timer and Control Units
* **T32A (32-bit Timer Event Counter):** Used for PWM output, motor control, and interval timing.
* **Advanced Programmable Motor Control (A-PMD):** Specialized circuitry to handle 3-phase inverter control for brushless DC motors.
* **Watchdog Timer (WDT):** Ensures system stability by resetting the CPU if software hangs.
#### C. Communication Interfaces
* **UART/SIO:** Up to 8 channels for serial communication.
* **I2C:** 4 channels (supporting Multi-master).
* **TSPI:** 3 channels (Toshiba Serial Peripheral Interface) for high-speed synchronous data transfer.
---
### 3. Safety and Reliability Features
The M3H series is designed for environments requiring high reliability (such as white goods and industrial automation):
* **ECC (Error Correction Code):** Implemented on the internal Flash memory to detect and correct single-bit errors.
* **RAM Parity:** Detects data corruption in the volatile memory.
* **Self-Diagnosis:** Hardware functions to support safety standards like IEC 60730.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps identify the exact variant:
| Code Segment | Meaning |
| :--- | :--- |
| **M3H** | Group Name (ARM Cortex-M3 High-speed) |
| **11** | Functional Sub-set / Specific Pin Count (100-pin) |
| **T** | Operating Temperature (T = -40 to 85°C) |
| **A** | Flash Memory Capacity (256 KB) |
| **D** | Package Type (LQFP) |
| **-R** | Packing Style (Typically Tape and Reel) |
---
- ⤷
What are the typical power consumption levels for the M3H11TAD-R in low-power modes?
- ⤷ Which software development environments support this Toshiba TXZ+ family?
- ⤷ Does this microcontroller support CAN bus communication?