công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3EH53XQA-R

  • AI
    The **M3EH53XQA-R** is a specific part number belonging to a high-speed networking component, typically identified as a **400G QSFP-DD (Quad Small Form-factor Pluggable Double Density) Optical Transceiver**. These modules are critical for data centers and high-performance computing environments. --- ### 1. Key Technical Specifications The following table highlights the primary electronic and optical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Form Factor** | QSFP-DD | | **Data Rate** | 400 Gbps (Aggregate) | | **Interface Type** | SR8 (Short Range - 8 Channels) | | **Wavelength** | 850nm (Multimode) | | **Connector Type** | MPO-16 or MPO-12 (Depending on breakout) | | **Max Distance** | 70m (OM3) / 100m (OM4) | | **Power Consumption** | Typically <10W - 12W | --- ### 2. Internal Electronic Architecture The "Electronic Parts" within this module are divided into several functional blocks that manage the conversion of electrical signals into light and vice versa: #### A. Digital Signal Processor (DSP) The heart of the module is a **7nm or 16nm CMOS DSP**. - It performs **PAM4 (Pulse Amplitude Modulation 4-level)** encoding and decoding. - It manages **Forward Error Correction (FEC)** to ensure data integrity over high-frequency copper traces. #### B. Driver and TIA (Transimpedance Amplifier) - **Laser Driver:** Converts the electrical signals from the DSP into current pulses to drive the VCSEL (Vertical-Cavity Surface-Emitting Laser) array. - **TIA:** Located on the receiver side, it converts the weak current from the photodiode back into a voltage signal for processing. #### C. Control Circuitry (EEPROM / MCU) - Contains an I2C or Management Data Input/Output (MDIO) interface. - Stores **DOM (Digital Optical Monitoring)** data, allowing the network switch to monitor temperature, supply voltage, and laser bias current in real-time. --- ### 3. Pin Configuration & Signal Integrity Because the M3EH53XQA-R utilizes the **Double Density (DD)** standard, it features a 76-pin connector (two rows of pins) to support 8 lanes of electrical traffic. 1. **High-Speed Differential Pairs:** These carry the 50Gbps or 100Gbps PAM4 signals. 2. **Low-Speed Control:** Pins for hardware interrupts (IntL), Module Select (ModSelL), and Reset (ResetL). 3. **Power Rails:** Multiple VCC pins to distribute the high current required by the DSP without causing significant voltage drops. --- ### 4. Application Context These modules are primarily used in: * **Spine-Leaf Architecture:** Connecting high-capacity switches in cloud data centers. * **AI Clusters:** Providing the massive bandwidth required for GPU-to-GPU communication. * **Enterprise Core:** High-speed uplinks for internal corporate networks.
    ✨ Follow-up Questions
    • ⤷What is the difference between PAM4 and NRZ signaling in 400G modules?
    • ⤷ How does Digital Optical Monitoring (DOM) report errors in these parts?
    • ⤷ What are the thermal management requirements for QSFP-DD 400G transceivers?