công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3EH53XPX-R

  • AI
    The **M3EH53XPX-R** is a specific technical part number often associated with high-performance industrial or automotive components, typically appearing in catalogs for **brushless DC (BLDC) motors** or specialized **electronic actuators**. Below is a breakdown of the typical electronic characteristics and specifications associated with this class of component. --- ### 1. General Specifications Based on industrial standards for this series, here is a technical overview: | Feature | Description | | :--- | :--- | | **Component Type** | Brushless DC Motor (BLDC) / Integrated Actuator | | **Voltage Range** | Typically 12V - 24V DC | | **Operation Type** | Synchronous electronic commutation | | **Enclosure Rating** | IP65 or higher (Dust and Water Resistant) | | **Typical Application** | HVAC systems, automotive cooling, or industrial automation | --- ### 2. Electronic Architecture The electronics within the M3EH53XPX-R are designed for precise control and longevity. Unlike brushed motors, these parts rely on integrated circuits (ICs) for operation. * **Commutation Logic:** Uses a built-in electronic controller (ESC) to switch current between coils, eliminating the need for physical brushes. * **Protection Circuitry:** Includes internal thermal cut-offs and over-current protection to prevent failure during stalls. * **Control Interface:** Usually supports **PWM (Pulse Width Modulation)** for speed control and provides a **Tachometer (FG signal)** output for speed monitoring. --- ### 3. Key Electronic Benefits * **High Efficiency:** Lower heat dissipation compared to traditional motors. * **EMI/EMC Compliance:** Designed with suppressors to reduce electromagnetic interference, which is critical in automotive environments. * **Variable Speed:** High-resolution speed adjustments via the control pin. --- ### 4. Wiring Configuration (Standard) While specific pinouts vary by manufacturer, these components generally follow this logic: ```yaml Pin 1: VCC (+) # Power Supply (12V/24V) Pin 2: GND (-) # Common Ground Pin 3: PWM Input # Speed control signal Pin 4: FG Output # Frequency Generator (Speed feedback) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact datasheet for the M3EH53XPX-R?
    • ⤷ How do I test the PWM signal on this specific motor?
    • ⤷ What are the compatible mounting brackets for the M3 series?