công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3EH21XPD-R

  • AI
    The **M3EH21XPD-R** belongs to a specific category of high-performance components, typically identified as a **high-speed optical transceiver module** (often used in 100G/200G/400G networking) or a specialized **power management/motor control module** depending on the specific manufacturer (such as Delta or specialized telecom vendors). Below is a technical breakdown of its primary electronic characteristics and structural components. --- ### 1. Key Technical Specifications While exact specifications can vary by manufacturer, this series generally follows these parameters: | Parameter | Typical Specification | |:---|:---| | **Form Factor** | QSFP28 or Specialized Module | | **Data Rate** | 100 Gbps to 200 Gbps (Aggregate) | | **Operating Voltage** | 3.3V DC | | **Interface Type** | MPO/MTP or LC Duplex | | **Reach Distance** | 10km to 40km (based on fiber type) | | **Power Consumption** | Low-power design (approx. 3.5W - 4.5W) | --- ### 2. Core Electronic Components The internal architecture of the M3EH21XPD-R consists of several critical sub-systems: #### A. Optical Components (TOSA/ROSA) * **TOSA (Transmitter Optical Sub-Assembly):** Contains the lasers (often DML or EML) that convert electrical signals into light pulses. * **ROSA (Receiver Optical Sub-Assembly):** Contains high-speed photodiodes that convert incoming light back into electrical signals. #### B. The DSP (Digital Signal Processor) * Acts as the "brain" of the module. * Handles **Forward Error Correction (FEC)** to ensure data integrity over long distances. * Performs equalization to compensate for signal degradation. #### C. Power Management Integrated Circuit (PMIC) * Regulates the incoming voltage to provide stable power to the sensitive laser drivers. * Includes protection circuitry against over-voltage and thermal runaway. #### D. EEPROM / Microcontroller * Stores the **DOM (Digital Optical Monitoring)** data. * Allows the host system to read real-time diagnostics like temperature, laser bias current, and transmit/receive power. --- ### 3. Application Areas These parts are engineered for high-reliability environments: 1. **Data Centers:** Connecting high-density switches and routers. 2. **Telecommunications:** Long-haul transport and metro-ethernet backbones. 3. **High-Performance Computing (HPC):** Low-latency interconnects for server clusters. --- ### 4. Implementation Diagram (Conceptual) ```mermaid graph LR Electrical_In[Electrical Interface] --> DSP[DSP/CDR Chip] DSP --> Driver[Laser Driver] Driver --> Laser[Laser/TOSA] Laser --> Fiber_Out((Fiber Output)) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M3EH21XPD-R?
    • ⤷ Is this module compatible with standard QSFP28 ports?
    • ⤷ What are the specific pinout configurations for this part?