M3E73XPX-R
AI

The **M3E73XPX-R** is a specialized electronic component, typically identified as a high-performance **Oscillator** (often a Temperature Compensated Crystal Oscillator or TCXO / VCTCXO) manufactured by companies like MtronPTI. These parts are designed for precision timing in communication and aerospace hardware.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Typical Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | XO / TCXO | Crystal Oscillator |
| **Supply Voltage** | 3.3V (Typical) | Defined by the '3' in the prefix |
| **Output Type** | CMOS / HCMOS | Square wave output for digital logic |
| **Stability** | ±1.0ppm to ±2.5ppm | Frequency stability over temperature |
| **Operating Temp** | -40°C to +85°C | Industrial grade thermal range |
| **Package Size** | 5x7 mm or 3.2x5 mm | Surface Mount Device (SMD) |
---
### 2. Key Electronic Features
* **Low Phase Noise:** Designed to minimize jitter, ensuring that high-speed data transmissions remain synchronized without errors.
* **Tri-state Functionality:** Pin 1 often supports an enable/disable function, allowing the output to go into a high-impedance state to save power.
* **Frequency Pulling:** If it is a VCTCXO variant, it allows for fine-tuning the output frequency via an external control voltage.
* **RoHS Compliant:** The "-R" suffix usually denotes compliance with "Restriction of Hazardous Substances" (Lead-free).
---
### 3. Pin Configuration (Typical 4-6 Pin SMD)
Most M3E series oscillators follow a standard footprint:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | E/D or Vc | Enable/Disable or Control Voltage |
| **2** | NC or GND | No connection or Case Ground |
| **3** | Case Ground | Common Ground |
| **4** | Output | The generated frequency signal |
| **5** | NC | No connection (on 6-pin models) |
| **6** | Vcc | Supply Voltage Input |
---
### 4. Common Applications
Due to its high stability, the M3E73XPX-R is commonly found in:
1. **Telecommunications:** Base stations and small cells (5G/LTE).
2. **Networking:** High-speed routers and switches.
3. **GPS/Navigation:** Systems requiring precise time-stamping.
4. **Test Equipment:** Oscilloscopes and signal generators.
- ⤷
What is the exact output frequency for this specific part number?
- ⤷ Can you provide the datasheet pinout diagram for the 5x7mm package?
- ⤷ What are the alternatives to MtronPTI for high-stability oscillators?