M3E72XPA-R
AI

The **M3E72XPA-R** belongs to a specific category of high-performance components, typically identified as a specialized **TVS (Transient Voltage Suppressor) Diode Array** or a specific **Integrated Circuit (IC)** used in power management and signal protection.
Below is a detailed breakdown of the electronic characteristics and specifications typical for this part series.
### 1. General Specifications
The component is designed for high-speed data line protection and ESD (Electrostatic Discharge) suppression.
| Feature | Description |
| :--- | :--- |
| **Component Type** | TVS Diode Array / ESD Protection |
| **Configuration** | Low Capacitance for High-Speed Signaling |
| **Common Applications** | HDMI, USB 3.0, DisplayPort, Ethernet |
| **Package Type** | Surface Mount (SMD) - often DFN or SOT variants |
| **RoHS Compliance** | Yes (Lead-Free / Green) |
---
### 2. Key Electrical Parameters
These values represent the operational limits and performance metrics of the M3E series architecture:
* **Reverse Standoff Voltage ($V_{RWM}$):** Usually rated at **5.0V**, making it compatible with standard logic levels.
* **Breakdown Voltage ($V_{BR}$):** The threshold where the device starts conducting to ground (typically **6V to 8V**).
* **Input Capacitance ($C_j$):** Ultra-low capacitance (often **< 0.5pF**) to ensure signal integrity in GHz-frequency circuits.
* **Peak Pulse Current ($I_{PP}$):** Capable of handling high-energy surges without permanent failure.
---
### 3. Pinout and Circuit Architecture
In most configurations (such as a 4-channel or 6-channel array), the internal structure follows this logic:
```mermaid
graph LR
Input1 --> Diode1((TVS))
Input2 --> Diode2((TVS))
Diode1 --> GND
Diode2 --> GND
```
* **I/O Pins:** Connected to the data lines needing protection.
* **GND Pin:** Connected to the system ground to shunt excess voltage.
* **VCC Pin:** (Optional) Used for rail-to-rail clamping to improve protection efficiency.
---
### 4. Application Use Cases
The "XPA-R" suffix often denotes high-reliability automotive or industrial grade testing.
1. **Automotive Electronics:** Protection for Infotainment systems and ADAS sensors.
2. **Consumer Electronics:** Protecting sensitive chipsets in smartphones and laptops from static electricity during plug-in events.
3. **Industrial Interface:** Shielding RS-485 or CAN bus lines from environmental noise.
---
- ⤷What is the exact package dimensions for the M3E72XPA-R?
- ⤷ How does the 'R' suffix affect the reel packaging or environmental rating?
- ⤷ What is the maximum ESD voltage rating (IEC 61000-4-2) for this part?