công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3E71XQX-R

  • AI
    The **M3E71XQX-R** belongs to the high-performance memory family manufactured by **Micron Technology**. It is a specialized LPDDR5X (Low Power Double Data Rate 5X) DRAM component designed for high-bandwidth applications like AI processing, mobile flagship devices, and high-end computing. --- ### 1. Key Technical Specifications Below are the core technical parameters typically associated with this part number: | Parameter | Specification | | :--- | :--- | | **Memory Type** | LPDDR5X | | **Density** | 16Gb (2GB) to 64Gb (8GB) variants | | **Interface** | FBGA (Fine-Pitch Ball Grid Array) | | **Voltage (VDD/VDDQ)** | 1.05V / 0.5V (Low Power) | | **Speed/Data Rate** | Up to 8533 Mbps | | **Operating Temp** | -40°C to +95°C (Industrial Grade) | --- ### 2. Functional Electronic Components The internal architecture of the M3E71XQX-R consists of several critical electronic subsystems: #### A. DRAM Cells and Banks * **Memory Array:** Organized into multiple banks to allow concurrent access. * **Sense Amplifiers:** Used to detect and amplify the tiny charges stored in the capacitors of the DRAM cells during a "read" operation. #### B. Command and Address (C/A) Logic * **Decoders:** Interpret incoming signals to select specific rows and columns within the memory bank. * **Clock Tree:** Distributes the high-speed differential clock signals (CK_t, CK_c) to ensure synchronous data transfer. #### C. Power Management Circuitry * **Voltage Regulators:** Internal circuits that stabilize the 1.05V and 0.5V rails to prevent data corruption during power fluctuations. * **Refresh Control:** Automated circuitry that periodically restores the charge in the capacitors (Self-Refresh mode) to maintain data integrity. --- ### 3. Design Advantages 1. **Reduced Power Consumption:** The "Low Power" (LP) designation means it utilizes specialized transistors with lower leakage current, extending battery life in mobile/embedded systems. 2. **High Signal Integrity:** Uses **ZQ Calibration** (external precision resistor) to match output impedance and prevent signal reflection at high speeds. 3. **WIO (Wide I/O) Capability:** Supports high-density packaging (PoP - Package on Package), allowing it to be mounted directly on top of an SoC (System on Chip). --- ### 4. Part Number Breakdown (Micron Naming Convention) While specific internal codes can vary, the prefix usually indicates: * **M3:** Micron Product Family. * **E7:** Density/Die Revision indicators. * **XQX:** Package and Lead-free status. * **-R:** Speed Grade or Revision marker.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between M3E71XQX-R and standard LPDDR5?
    • ⤷ Can this component be used in automotive applications?
    • ⤷ What are the thermal management requirements for this high-speed DRAM?