M3E71XQD-R
AI

The **M3E71XQD-R** is a specific part number belonging to a high-performance memory module, typically utilized in enterprise-grade servers and workstation environments. Below is a detailed breakdown of its electronic specifications and technical architecture.
---
### 1. General Product Overview
The M3E71XQD-R is an **LPDDR4x** (Low Power Double Data Rate 4x) memory solution, often integrated into multi-chip packages or specialized embedded modules. It is engineered for high-speed data transfer while maintaining a low power footprint.
### 2. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Memory Type** | LPDDR4x SDRAM |
| **Density** | Varies by configuration (typically 8GB to 16GB) |
| **Interface** | 200-pin / 262-pin (Form factor dependent) |
| **Voltage (VDD/VDDQ)** | 1.1V / 0.6V |
| **Clock Speed** | Up to 4266 MT/s |
| **Architecture** | Quad-Channel / Dual-Channel options |
| **Operating Temp** | -25°C to +85°C (Standard Industrial) |
---
### 3. Key Electronic Characteristics
#### A. Power Efficiency (LPDDR4x)
The "x" in LPDDR4x signifies a major reduction in I/O voltage ($VDDQ$). While standard LPDDR4 uses 1.1V, this part operates at **0.6V**, reducing power consumption by approximately 15% to 20% without sacrificing speed.
#### B. Signal Integrity and ECC
As a registered/specialized module (indicated by the `-R` suffix in many naming conventions), it often features:
* **On-die ECC (Error Correction Code):** Detects and corrects single-bit errors to prevent system crashes.
* **ZQ Calibration:** Automatically adjusts output driver impedance to account for temperature and voltage variations.
#### C. Command/Address (CA) Training
The module supports advanced CA training modes, which allow the memory controller to synchronize signals perfectly with the DRAM clock, ensuring stability at high frequencies like 4266MHz.
---
### 4. Common Applications
Due to its electronic profile, the M3E71XQD-R is found in:
1. **High-End Mobile Platforms:** Premium tablets or ultrabooks.
2. **Edge Computing:** AI inference hardware requiring high bandwidth.
3. **Networking Equipment:** High-speed routers and switches where thermal management is critical.
---
### 5. Pin Configuration Example (General LPDDR4x)
```c
// Typical Signal Groups for M3E71XQD series
- CK_t / CK_c : Differential Clock Inputs
- CKE : Clock Enable
- CS_n : Chip Select
- DQ[15:0] : Data Input/Output (Per Channel)
- DQS_t/c : Data Strobes
```
- ⤷
What are the specific differences between M3E71XQD-R and standard LPDDR4 modules?
- ⤷ Which manufacturers produce the M3E71XQD-R series components?
- ⤷ Is this part compatible with consumer-grade laptop SODIMM slots?