công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3E68XQD-R

  • AI
    The **M3E68XQD-R** is a high-performance memory module produced by **Micron Technology**. It belongs to the DDR5 SDRAM (Synchronous Dynamic Random Access Memory) family, specifically designed for server and enterprise environments where high density and data integrity are critical. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the module: | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR5 SDRAM | | **Capacity** | 256GB | | **Form Factor** | LRDIMM (Load Reduced Dual In-line Memory Module) | | **Speed** | 4800 MT/s (PC5-4800) | | **Voltage** | 1.1V (Lower power consumption compared to DDR4) | | **Error Correction** | ECC (Error Correction Code) | | **Rank** | 8Rx4 (Octal Rank) | --- ### 2. Core Electronic Components #### A. The DRAM Integrated Circuits (ICs) The module is populated with high-density DDR5 chips. Because this is a **256GB** module, it utilizes **3DS (3-Dimensional Stacked)** technology. This involves stacking multiple DRAM dies vertically using **TSV (Through-Silicon Vias)** to increase density without increasing the physical footprint on the PCB. #### B. The Buffer Chip (RCD/DB) As an **LRDIMM**, this module includes a **Registering Clock Driver (RCD)** and multiple **Data Buffers (DB)**. * **Function:** These chips act as an intermediary between the memory controller and the DRAM chips. * **Benefit:** They reduce the electrical load on the server's memory bus, allowing the system to support more modules and higher capacities at higher speeds. #### C. Power Management Integrated Circuit (PMIC) Unlike DDR4, where voltage regulation was handled by the motherboard, DDR5 modules like the M3E68XQD-R feature an on-board **PMIC**. * **Regulation:** It converts the 5V system input to the required 1.1V for the DRAM. * **Efficiency:** Localizing power management reduces noise and improves power distribution efficiency across the module. #### D. SPD Hub and Thermal Sensors * **SPD Hub:** Contains the Serial Presence Detect (SPD) EEPROM, which communicates module specs to the BIOS/UEFI. * **Thermal Sensors:** Integrated sensors monitor the temperature of the high-density stacks to prevent overheating through thermal throttling. --- ### 3. Advanced Features for Enterprise * **On-die ECC:** In addition to the standard bus ECC, DDR5 chips have internal error correction to manage bit-flips within the silicon. * **Same Bank Refresh:** Allows the memory to refresh one bank while others are being accessed, improving overall system latency.
    ✨ Follow-up Questions
    • ⤷ What are the compatibility requirements for using 256GB LRDIMMs in a server?
    • ⤷ How does 3DS stacking technology affect the latency of this module?
    • ⤷ Compare the power efficiency of the M3E68XQD-R against standard DDR4 LRDIMMs.