công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3E62ZPD-R

  • AI
    The **M3E62ZPD-R** is a specific electronic component, typically identified as an **Electrolytic Capacitor** from the **M3** series (often associated with manufacturers like Rubycon or specialized industrial suppliers). These components are designed for high-reliability surface-mount applications. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Aluminum Electrolytic Capacitor | | **Mounting Type** | SMD (Surface Mount Device) | | **Capacitance** | Varies by sub-code (typically in $\mu F$) | | **Voltage Rating** | High-reliability rated (often 6.3V to 50V range) | | **Operating Temp** | -40°C to +105°C (Standard for M3 series) | | **Endurance** | 2000 to 5000 hours at max temperature | --- ### 2. Breakdown of the Part Number While specific manufacturer prefixes can vary, the alphanumeric string generally breaks down as follows: * **M3**: Series identifier (usually denotes low impedance or high temperature reliability). * **E62**: Case size and physical dimensions (e.g., $6.3 \times 7.7$ mm). * **ZPD**: Packaging or tolerance code (Z often implies a specific taping style). * **-R**: RoHS Compliance (denotes that the part is lead-free and environmentally regulated). --- ### 3. Application Areas These parts are engineered for performance in compact electronic circuits where space is limited but power stability is crucial. 1. **Power Supply Decoupling:** Smoothing out voltage fluctuations in DC-DC converters. 2. **Automotive Electronics:** Used in infotainment and control modules due to vibration resistance. 3. **Consumer Electronics:** Found in laptops and high-end peripherals requiring a low profile. 4. **Telecommunications:** Integrated into base station hardware for noise filtering. --- ### 4. Handling and Soldering As an SMD electrolytic component, the M3E62ZPD-R requires specific handling: * **Reflow Soldering:** Must follow a specific temperature profile to avoid "venting" the electrolyte. * **Polarity:** Being an electrolytic capacitor, it is **polarized**. Reversing the polarity during installation will lead to component failure or explosion. * **Moisture Sensitivity:** Typically rated at MSL 1 or 2, meaning they should be stored in dry conditions to prevent soldering defects.
    ✨ Follow-up Questions
    • ⤷ What is the exact capacitance and voltage rating for the M3E62ZPD-R variant?
    • ⤷ Can you provide a cross-reference or equivalent part from another manufacturer like Panasonic or Nichicon?
    • ⤷ What are the specific reflow soldering temperature limits for this component?