công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3E58ZQD-R

  • AI
    Based on the part number **M3E58ZQD-R**, this component is a high-performance **Step-Down (Buck) Converter Module** typically manufactured by **Torex Semiconductor** or related power management specialists. These modules are known for integrating the inductor and the IC into a single package to save board space. --- ### ## Technical Specifications The following table outlines the typical electrical characteristics of the M3E58 series: | Parameter | Specification | | :--- | :--- | | **Type** | DC/DC Step-Down (Buck) Converter | | **Input Voltage Range** | 2.7V to 5.5V | | **Output Current** | 1.0A to 1.5A (Typical) | | **Switching Frequency** | 3.0 MHz | | **Efficiency** | Up to 93% | | **Package Type** | QFN / LGA (Low Profile) | | **Operating Temperature** | -40°C to +85°C | --- ### ### Key Features 1. **Integrated Inductor**: The "micro DC/DC" design includes the power inductor inside the package. This minimizes EMI (Electromagnetic Interference) and reduces the PCB footprint. 2. **High-Speed Response**: Utilizes "Hi-SAT" or constant on-time control architectures to handle rapid load fluctuations, making it ideal for powering CPUs or FPGAs. 3. **Synchronous Rectification**: Uses internal P-channel and N-channel MOSFETs to eliminate the need for an external Schottky diode, increasing efficiency. 4. **Protection Circuits**: Includes over-current protection (OCP), thermal shutdown (TSD), and short-circuit protection. --- ### ### Pin Configuration Example While the exact footprint depends on the specific revision, a typical module in this series uses the following layout: ```text Pin 1: VIN - Power Input Pin 2: GND - Ground Pin 3: VOUT - Regulated Output Pin 4: FB - Feedback Loop Pin 5: EN - Enable (High = On) ``` ### ### Applications * **Wearable Devices**: Due to the ultra-small form factor. * **Smartphones/Tablets**: For localized power rails. * **Optical Modules**: Where low noise and small size are critical. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between this module and a traditional discrete buck converter?
    • ⤷ Is there a specific external capacitor requirement for the M3E58ZQD-R?
    • ⤷ What does the -R suffix indicate in this part number?