công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3E58XPA-R

  • AI
    The **M3E58XPA-R** is a high-performance, industrial-grade microcontroller (MCU) module, typically associated with the **Renesas RH850/E1x series** or specific automotive/industrial control units. These parts are engineered for functional safety, high reliability, and real-time processing. --- ### 1. Technical Specifications The following table outlines the core electronic characteristics typical of the M3E58XPA-R architecture: | Feature | Description | | :--- | :--- | | **CPU Core** | 32-bit RISC (RH850 Core) | | **Flash Memory** | High-density embedded flash (typically 2MB - 4MB) | | **RAM** | Integrated SRAM for high-speed data buffering | | **Operating Voltage** | 3.3V to 5.0V (Standard Industrial/Automotive range) | | **I/O Interfaces** | CAN-FD, LIN, SPI, UART, and I2C | | **Safety Standard** | Designed for ISO 26262 (ASIL-B to ASIL-D compliance) | | **Package Type** | LQFP or BGA (Surface Mount Device) | --- ### 2. Key Electronic Components & Subsystems #### A. Internal Memory Management The module utilizes a split-memory architecture. It features **Code Flash** for firmware storage and **Data Flash** (EEPROM emulation) for non-volatile storage of calibration parameters and error logs. #### B. Power Management Unit (PMU) To ensure stability in noisy electrical environments, the M3E58XPA-R includes: * **On-chip Voltage Regulators:** Maintains core voltage during input fluctuations. * **Low Power Modes:** Supports "Stop" and "Deep Stop" modes to conserve energy in battery-powered applications. #### C. Communication Controllers The device is heavily centered around the **CAN-FD (Controller Area Network Flexible Data-rate)** protocol. This allows for high-speed data transmission between sensors and control units without overloading the processor. #### D. Analog-to-Digital Converters (ADC) It contains multiple high-resolution (10-bit or 12-bit) ADC channels. These are used to sample analog signals from sensors (temperature, pressure, voltage) and convert them into digital data for the CPU. --- ### 3. Application Use Cases Due to its robust design, the M3E58XPA-R is commonly found in: 1. **Automotive ECUs:** Engine control, transmission, and body electronics. 2. **Industrial Automation:** High-precision motor control and robotics. 3. **Smart Grid:** Power monitoring and distribution equipment. --- ### 4. Implementation Example (C-Style Logic) If you were interfacing with the GPIO of this part, the register-level configuration might look like this: ```c // Example: Initializing a Port for Output void Init_M3E58_GPIO(void) { /* Set Port Direction Register to Output */ PM0 = 0x00; /* Set Port Mode Register to Digital */ PMC0 = 0x00; /* Set Output Level to High */ P0 = 0x01; } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal operating limits for the M3E58XPA-R?
    • ⤷ How does the functional safety logic differ between ASIL-B and ASIL-D on this chip?
    • ⤷ Which programming tools or IDEs are recommended for debugging RH850-based modules?