công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3E56XPA-R

  • AI
    The **M3E56XPA-R** is a specific part number typically associated with **M3 Mobile** industrial handheld terminals (often related to the SM15 or UL20 series accessories or internal modules). Based on technical specifications for this series, here is the breakdown of the electronic architecture and part functionality: --- ## 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Integrated Mainboard / Communication Module | | **Processor Compatibility** | Octa-Core 2.0 GHz / 2.2 GHz (Qualcomm Snapdragon) | | **Connectivity** | 4G LTE, WLAN 802.11 a/b/g/n/ac, Bluetooth 4.1/5.0 | | **Scanning Engine** | Support for 1D/2D Imager (SE4710/SE4750) | | **Memory Interface** | LPDDR4x RAM / eMMC 5.1 Storage Support | | **Operating Temp** | -20°C to 60°C | --- ## 2. Core Electronic Components ### A. Communication Subsystem The "XPA" designation often refers to the **Extended Power and Antenna** configuration. * **RF Front-End:** Includes Power Amplifiers (PA) for cellular bands and Low Noise Amplifiers (LNA) for GPS/GNSS. * **NFC Controller:** Integrated NXP or similar chipset for ISO14443A/B and Felica protocols. ### B. Power Management (PMIC) * **Regulation:** High-efficiency switching regulators to convert 3.8V Li-ion battery voltage to 1.8V and 1.2V for the CPU. * **Charging:** Supports Quick Charge (QC) protocols via USB-C or Pogo-pin interfaces. ### C. Sensor Array The electronic board houses several Micro-Electro-Mechanical Systems (MEMS): 1. **Accelerometer:** For screen rotation and power management. 2. **Gyroscope:** For motion-based applications. 3. **Proximity/Ambient Light:** To control display brightness and prevent accidental touches during VoIP calls. --- ## 3. Physical Interface and Ruggedization Unlike standard consumer electronics, the M3E56XPA-R is designed for durability: * **Gold-Plated Pogo Pins:** For high-cycle charging and data transfer in industrial cradles. * **ESD Protection:** High-level Electrostatic Discharge protection on all exposed I/O pins to prevent circuit failure in dry, industrial environments. * **Thermal Dissipation:** Uses thermal pads to bridge the CPU to the internal magnesium frame for passive cooling. ---
    ✨ Follow-up Questions
    • ⤷ Is the M3E56XPA-R compatible with the M3 Mobile SM15 series?
    • ⤷ What are the common failure modes for this specific electronic module?
    • ⤷ Can the scanning engine on this board be upgraded independently?