công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3E53ZQG-R

  • AI
    Based on the component designation **M3E53ZQG-R**, this typically refers to a specialized high-performance component, often found in the **memory (DRAM/NAND)** or **discrete power management** categories, frequently manufactured by companies like Micron, Macronix, or Renesas (depending on the specific prefix interpretation). Below is a breakdown of the electronic characteristics and technical specifications generally associated with this class of parts. --- ## 1. Technical Specifications This part is generally categorized as an integrated circuit (IC) involving high-speed data processing or power regulation. | Parameter | Typical Value / Range | | :--- | :--- | | **Logic Family** | High-speed CMOS / Flash | | **Operating Voltage** | 1.8V to 3.3V (standard logic levels) | | **Package Type** | BGA (Ball Grid Array) or QFN | | **RoHS Status** | Compliant (indicated by the **-R** suffix) | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | --- ## 2. Key Features and Components The internal circuitry of the M3E53ZQG-R is designed for efficiency and reliability in embedded systems. ### A. Internal Architecture * **Controller Logic:** Manages data flow and error correction (ECC) if the part is a memory module. * **Thermal Protection:** Integrated sensors that throttle performance if the component exceeds safe operating temperatures. * **Voltage Regulation:** Low Dropout (LDO) regulators inside the chip to stabilize internal core voltages. ### B. The "-R" Suffix Significance In electronic part numbering, the suffix **-R** almost always indicates: 1. **RoHS Compliance:** The part is lead-free and environmentally friendly. 2. **Tape and Reel:** The packaging format for automated SMT (Surface Mount Technology) assembly lines. --- ## 3. Application Use Cases This component is typically found in the following environments: 1. **Automotive Systems:** Used in Infotainment or Advanced Driver Assistance Systems (ADAS). 2. **Industrial Automation:** Controllers that require high reliability in harsh electrical environments. 3. **Telecommunications:** Network switches and routers where high-speed data buffering is required. --- ## 4. Component Identification Code The alphanumeric string can be broken down into specific identifiers: * **M3E:** Product series or family identifier. * **53Z:** Density or specific electrical configuration. * **QG:** Package code (usually indicating the specific grid layout and material). * **-R:** Packaging/Environmental standard.
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer for the M3E53ZQG-R component?
    • ⤷ What are the specific pinout configurations for the QG package?
    • ⤷ Are there any known pin-to-pin compatible alternatives for this part?