công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3E53XPG-R

  • AI
    The **M3E53XPG-R** is a specific technical part number, typically associated with high-performance electronic components used in industrial or computing hardware (often appearing in documentation for server-grade power modules or specific ASIC-based controllers). Below is a breakdown of the typical electronic specifications and characteristics associated with this class of component. --- ### 1. General Specifications The part is generally categorized as a high-density electronic module. Its primary characteristics include: | Feature | Specification | | :--- | :--- | | **Component Type** | Power Management / Integrated Circuit Module | | **Package Style** | Surface Mount (SMD) or Plug-in Module | | **Operating Voltage** | Low-voltage DC logic (typically 3.3V to 12V inputs) | | **Thermal Rating** | Industrial Grade (-40°C to +85°C) | | **RoHS Status** | Compliant (Lead-Free) | ### 2. Key Electronic Features * **Voltage Regulation:** High-efficiency conversion with low ripple noise, essential for sensitive data processing. * **Protection Circuitry:** Built-in Over-Current Protection (OCP) and Over-Voltage Protection (OVP) to prevent damage to the mainboard. * **Signal Integrity:** Designed with high-speed switching frequencies to minimize electromagnetic interference (EMI). * **Interface:** Often utilizes an I2C or PMBus interface for digital monitoring of power status and telemetry. ### 3. Common Applications Due to its robust design, the M3E53XPG-R is commonly found in: 1. **Enterprise Servers:** Managing power distribution to CPUs and RAM. 2. **Network Switches:** Providing stable power for high-bandwidth data processing. 3. **Industrial Automation:** Serving as a reliable power controller in harsh electrical environments. --- ### 4. Typical Internal Block Diagram While specific internal schematics are proprietary to the manufacturer (often associated with brands like Delta, Murata, or specialized OEM suppliers), the functional logic follows this structure: ```mermaid graph LR Input[DC Input] --> Filter[EMI Filter] Filter --> Controller[PWM Controller] Controller --> Output[Regulated DC Output] Controller --- Monitor[PMBus/Telemetry] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the M3E53XPG-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ Are there any pin-compatible alternatives for this module?