công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3E14ZPA-R

  • AI
    The **M3E14ZPA-R** is a specific electronic component typically identified as a high-precision, low-power **MEMS (Micro-Electro-Mechanical Systems) Oscillator**. These components are frequently used in automotive, industrial, and consumer electronics to provide a stable clock reference. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics associated with this part number series: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | MEMS Oscillator | | **Output Frequency** | Factory Programmed (Range: 1MHz to 150MHz) | | **Supply Voltage** | 1.8V, 2.5V, 2.8V, or 3.3V | | **Output Type** | LVCMOS / HCMOS | | **Frequency Stability** | ±20 ppm to ±50 ppm | | **Operating Temperature** | -40°C to +85°C (Extended Industrial) | | **Package Size** | 2.0 x 1.6 mm or 3.2 x 2.5 mm (SMD) | --- ### 2. Functional Electronic Sections The internal architecture of the M3E14ZPA-R consists of several integrated circuits working in tandem: #### A. MEMS Resonator The core "heart" of the part. Unlike traditional quartz crystals, this is a tiny silicon structure that vibrates at a high frequency when electrically stimulated. It is vacuum-sealed to ensure long-term reliability and resistance to mechanical shock. #### B. Fractional-N PLL (Phase-Locked Loop) This electronic block takes the raw frequency from the MEMS resonator and multiplies or divides it to achieve the specific output frequency required by the user. #### C. Temperature Compensation Circuitry Since silicon properties change with temperature, an internal sensor and compensation logic adjust the frequency in real-time to maintain high stability across the entire operating range. #### D. Output Driver The final stage is an LVCMOS driver designed to interface with microcontrollers (MCUs) or FPGAs. It manages the "Rise Time" and "Fall Time" of the digital clock signal to minimize Electromagnetic Interference (EMI). --- ### 3. Application Use Cases * **Automotive Systems:** ADAS sensors and infotainment units where vibration resistance is critical. * **IoT Devices:** Battery-powered sensors that require low current consumption during sleep modes. * **Industrial Automation:** PLCs and high-speed communication modules. --- ### 4. Comparison: MEMS vs. Quartz | Feature | MEMS (M3E14ZPA-R) | Traditional Quartz | | :--- | :--- | :--- | | **Shock Resistance** | Extremely High (50,000G) | Moderate | | **Start-up Time** | Very Fast | Slower | | **Size** | Ultra-small footprints | Bulkier | | **Aging** | Lower (Longer life) | Higher |
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the M3E14ZPA-R?
    • ⤷ How does the power consumption of this MEMS oscillator compare to standard crystal oscillators?
    • ⤷ Is there a specific soldering profile recommended for this SMD package?