công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3E12XQD-R

  • AI
    The **M3E12XQD-R** is a high-performance, industrial-grade memory module part of the **Micron 3400 Series** (or associated NVMe storage solutions). It is primarily used in enterprise computing, high-end workstations, and data center environments. --- ### 1. Key Technical Specifications The following table outlines the core electronic and physical attributes of the device: | Feature | Specification | | :--- | :--- | | **Component Type** | NVMe Solid State Drive (SSD) | | **Form Factor** | M.2 (2280) | | **Interface** | PCIe Gen4 x4 | | **NAND Flash Type** | 176-Layer 3D TLC (Triple-Level Cell) | | **Protocol** | NVMe 1.4 | | **Sequential Read** | Up to 6,600 MB/s | | **Sequential Write** | Up to 5,000 MB/s | | **Voltage Supply** | 3.3V ±5% | --- ### 2. Major Electronic Subsystems #### A. The Controller The brain of the M3E12XQD-R is its PCIe Gen4 controller. This integrated circuit (IC) manages: * **Flash Translation Layer (FTL):** Maps logical addresses to physical NAND locations. * **Wear Leveling:** Ensures data is written evenly across cells to prevent premature failure. * **Error Correction (ECC):** Uses advanced LDPC (Low-Density Parity-Check) algorithms to maintain data integrity against electronic noise. #### B. 3D TLC NAND Flash Unlike traditional planar (flat) memory, this part uses **176-layer vertical stacking**. * **Density:** Higher capacity in a smaller physical footprint. * **Power Efficiency:** Reduced power consumption per bit compared to older generations. * **Latency:** Lower read/write latency due to improved architectural paths within the silicon. #### C. DRAM Cache This module typically features an onboard LPDDR4/4X DRAM chip. This acts as a high-speed buffer for the mapping table (L2P), significantly reducing the time required to locate data on the NAND flash. --- ### 3. Reliability and Security Features The electronic design incorporates several safety mechanisms: 1. **Thermal Throttling:** Onboard thermal sensors communicate with the controller to reduce speeds if the electronic components exceed safe operating temperatures (typically 0°C to 70°C). 2. **Data Path Protection:** Protects data as it moves from the host interface, through the controller, to the NAND. 3. **TGC Opal 2.01:** Electronic support for hardware-based AES 256-bit encryption, ensuring data is unreadable if the physical drive is stolen. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption profiles for the M3E12XQD-R during peak loads?
    • ⤷ How does the 176-layer NAND improve endurance (TBW) compared to previous 96-layer models?
    • ⤷ Is the M3E12XQD-R compatible with older PCIe Gen3 motherboards?