công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3A78TBA-R

  • AI
    The **M3A78TBA-R** is an industrial-grade Micro-ATX motherboard designed by **ASRock Industrial** (often utilized in automation, gaming machines, and IPC sectors). It is built around the AMD platform, specifically targeting reliability and long-term availability. Below is a breakdown of its primary electronic components and specifications. --- ### 1. Core Architecture & Chipset The board is designed to support high-performance processing with a focus on stability. | Component | Specification | | :--- | :--- | | **Socket** | AMD AM4 (Supports Ryzen 2000, 3000, 4000, and 5000 Series) | | **Chipset** | AMD B550 Chipset | | **Form Factor** | Micro-ATX (9.6-in x 9.6-in) | | **Power Input** | 24-pin ATX + 8-pin 12V Connector | ### 2. Memory and Storage Interface Electronic layouts for memory are optimized for high-speed data integrity. * **RAM:** 4 x DDR4 DIMM slots, supporting up to 128GB (ECC and non-ECC supported depending on CPU). * **Storage Controllers:** * **SATA:** 4 x SATA3 (6.0 Gb/s) connectors. * **M.2:** Typically includes 1 x Hyper M.2 (PCIe Gen4 x4) and 1 x M.2 (PCIe Gen3 x4 & SATA3). ### 3. Expansion and Connectivity (I/O) This motherboard stands out in its "Industrial" (TBA-R) designation due to the inclusion of legacy and specialized ports. | Interface | Details | | :--- | :--- | | **PCIe Slots** | 1 x PCIe x16 (Gen4), 1 x PCIe x4, 1 x PCIe x1 | | **Video Output** | 1 x HDMI, 1 x DisplayPort, 1 x VGA (D-Sub) | | **Ethernet** | Dual LAN (Realtek 1GbE/2.5GbE controllers) | | **Serial Ports** | Multiple COM headers (RS-232/422/485) | | **USB** | Mix of USB 3.2 Gen2 (Rear) and USB 2.0 (Internal headers) | ### 4. Specialized Electronic Features The "TBA-R" series often features specific electrical protections for industrial environments: 1. **Solid Capacitors:** Uses high-conductivity polymer capacitors to ensure longevity under high heat. 2. **Watchdog Timer:** A hardware circuit that resets the system if the software freezes (essential for remote industrial sites). 3. **TPM Header:** Onboard header for Trusted Platform Module 2.0, providing hardware-based security. 4. **Wide Temperature Support:** Designed to operate in environments more volatile than standard consumer PCs. --- ### Comparison Summary: Industrial vs. Consumer | Feature | M3A78TBA-R (Industrial) | Standard B550 (Consumer) | | :--- | :--- | :--- | | **COM Ports** | Up to 6 headers | Usually 0 or 1 | | **Longevity** | 5-7 year production cycle | 1-2 year production cycle | | **Stability** | Optimized for 24/7 operation | Optimized for peak gaming bursts |
    ✨ Follow-up Questions
    • ⤷ What are the specific CPU compatibility limits for the M3A78TBA-R?
    • ⤷ Does this motherboard support ECC memory for industrial data integrity?
    • ⤷ How do I configure the RS-232/422/485 serial ports in the BIOS?