công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3A78FAX-R

  • AI
    The **M3A78FAX-R** is an industrial-grade ATX motherboard, primarily manufactured by Advantech. It is designed for longevity and stability in industrial environments, supporting AMD AM2/AM2+ processors. ### 1. Core Component Specifications | Component | Description | | :--- | :--- | | **Chipset** | AMD 780G Northbridge & SB700 Southbridge | | **CPU Socket** | Socket AM2 / AM2+ (Supports Athlon 64 X2, Phenom) | | **Memory Slots** | 4 x 240-pin DIMM (DDR2 667/800/1066 MHz) | | **Storage Interface** | 6 x SATA II (3.0 Gb/s) with RAID 0, 1, 10 support | | **Expansion Slots** | 1 x PCIe x16, 1 x PCIe x4, 1 x PCIe x1, 4 x PCI slots | --- ### 2. Key Electronic Features #### Power Regulation The board utilizes a multi-phase **Voltage Regulator Module (VRM)** system with solid capacitors near the CPU socket. This ensures stable DC-to-DC conversion, which is critical for industrial applications where power fluctuations can occur. #### Chipset Functions * **AMD 780G (Northbridge):** Houses the integrated ATI Radeon HD 3200 graphics. It manages high-speed communication between the CPU, RAM, and PCIe x16 slot. * **SB700 (Southbridge):** Manages lower-speed I/O operations, including the SATA controllers, USB 2.0 ports, and the legacy PCI bus. #### Networking & Connectivity * **Ethernet:** Dual Gigabit LAN (usually handled by Realtek RTL8111 chips) providing redundant network capabilities. * **Super I/O:** Typically an ITE or Winbond chip that manages legacy ports like COM (Serial), LPT (Parallel), and PS/2. --- ### 3. Industrial-Specific Electronics Unlike consumer boards, the M3A78FAX-R includes: 1. **Watchdog Timer:** A programmable electronic timer that can trigger a system reset if the software freezes. 2. **Extended MTBF:** Components are rated for a Mean Time Between Failures (MTBF) significantly higher than consumer hardware. 3. **Strict Revision Control:** The electronic Bill of Materials (BOM) is frozen, ensuring that replacements are identical to the original units.
    ✨ Follow-up Questions
    • ⤷ What are the specific CPU power limitations for this board?
    • ⤷ Does the M3A78FAX-R support Windows 10 drivers?
    • ⤷ How do I configure the Watchdog Timer on this model?