M3A78FAA-R
AI

The **M3A78FAA-R** is a specific motherboard model, primarily manufactured by **Foxconn**. It was designed as an OEM board for desktop systems (often found in Acer, Gateway, or Packard Bell machines) based on the AMD platform.
Below is a detailed breakdown of its electronic components and specifications.
---
### 1. Chipset and Core Architecture
The motherboard is built on the **AMD 700 series** chipset architecture, designed for reliability in home and office environments.
| Component | Specification |
| :--- | :--- |
| **Northbridge** | AMD 780G |
| **Southbridge** | AMD SB700 |
| **CPU Socket** | Socket AM2+ / AM2 |
| **Supported CPUs** | AMD Phenom, Athlon 64 X2, Athlon 64, Sempron |
| **HyperTransport** | HT 3.0 (up to 5200 MT/s) |
---
### 2. Memory (RAM) Subsystem
The board utilizes DDR2 architecture, which was standard for the AM2+ era.
* **Type:** DDR2 800 / 667 MHz.
* **Slots:** 4x DIMM slots.
* **Max Capacity:** Typically supports up to 8GB total (2GB per slot).
* **Configuration:** Dual-channel support for increased bandwidth.
---
### 3. Integrated Graphics and Expansion
One of the highlights of the 780G chipset was its relatively powerful integrated graphics for the time.
* **Integrated GPU:** ATI Radeon HD 3200.
* **PCI Express:** 1x PCIe x16 slot for dedicated graphics cards.
* **Peripheral Slots:**
* 1x PCIe x1 slot.
* 2x Legacy PCI slots.
---
### 4. Storage and Connectivity (I/O)
The SB700 Southbridge handles the data flow for storage devices and external peripherals.
| Port Type | Quantity / Version |
| :--- | :--- |
| **SATA** | 6x SATA II (3.0 Gb/s) |
| **USB** | 4x Rear USB 2.0 (plus internal headers) |
| **Ethernet** | Marvell or Realtek Gigabit LAN (10/100/1000) |
| **Audio** | Realtek ALC888S (7.1 Channel High Definition) |
| **Video Out** | VGA (D-Sub) and HDMI or DVI (depending on specific revision) |
---
### 5. Technical Power Components
* **Voltage Regulator Module (VRM):** Usually a 3+1 or 4-phase power design to provide stable DC current to the CPU.
* **Form Factor:** Micro-ATX (mATX), making it suitable for compact desktop towers.
* **Power Connectors:**
* 1x 24-pin ATX Main power.
* 1x 4-pin ATX 12V CPU power.
---
### Summary of Strengths
The M3A78FAA-R was a versatile "all-in-one" board. The **AMD 780G** Northbridge was famous for being one of the first integrated chipsets capable of playing 1080p Blu-ray video smoothly due to its **UVD (Universal Video Decoder)** hardware acceleration.
- ⤷
What are the compatible CPU upgrades for this motherboard?
- ⤷ Does this board support SATA III or SSDs?
- ⤷ How do I update the BIOS on a Foxconn OEM board?