M3A75TAG-R
AI

The **M3A75TAG-R** is a specific variant of an industrial-grade motherboard, typically part of the **Axiomtek** or similar industrial computing lines, built on the **AMD 785G + SB710** chipset. It is designed for reliability in embedded systems, POS terminals, and automation.
---
### 1. Core Component Specifications
The following table highlights the primary electronic sub-systems of the M3A75TAG-R:
| Component | Specification | Details |
| :--- | :--- | :--- |
| **CPU Socket** | Socket AM3 | Supports AMD Phenom™ II / Athlon™ II / Sempron™ processors. |
| **Chipset** | AMD 785G + SB710 | Northbridge handles graphics/PCIe; Southbridge handles I/O. |
| **Memory Slots** | 2 x 240-pin DDR3 DIMM | Supports Dual Channel DDR3 800/1066/1333 MHz. |
| **Integrated GPU** | ATI Radeon HD 4200 | Integrated into the Northbridge; supports DX10.1. |
| **Power Input** | 24-pin ATX + 4-pin 12V | Standard industrial power distribution. |
---
### 2. Detailed Electronic Sub-Systems
#### A. Power Regulation (VRM)
The board utilizes a multi-phase **Voltage Regulator Module (VRM)** to convert 12V power from the PSU into the lower voltages (approx. 0.8V - 1.5V) required by the AM3 processor.
* **Capacitors:** Usually features high-quality solid capacitors for longevity in high-temperature industrial environments.
* **MOSFETs:** Low RDS(on) MOSFETs are used to reduce heat dissipation.
#### B. Connectivity & I/O Controllers
Unlike consumer boards, this model focuses on legacy and industrial connectivity:
* **Super I/O Chip:** (Typically Winbond or ITE) Manages serial ports (RS-232/422/485), hardware monitoring, and the PS/2 interface.
* **Ethernet Controllers:** Usually equipped with Realtek or Intel Gigabit Ethernet PHYs connected via the PCIe bus.
* **Audio Codec:** Integrated Realtek ALC series for High Definition audio output.
#### C. Storage Interfaces
* **SATA II:** Controlled by the SB710 Southbridge, supporting data rates up to 3Gb/s.
* **CompactFlash (Optional):** Many industrial variants of this board include a CF slot on the underside or edge for diskless OS booting.
---
### 3. Expansion and Signal Routing
The layout is optimized for a **Micro-ATX** or specialized form factor:
* **PCI Express:** 1 x PCIe x16 slot for discrete graphics or high-speed FPGA cards.
* **Legacy PCI:** Often includes 1 or 2 standard PCI slots for older industrial interface cards.
* **Video Outputs:** Typically features VGA (Analog) and DVI or HDMI (Digital) driven by the 785G chipset.
---
### 4. Technical Pinout Example (General Headers)
```markdown
Typical Internal Header Pinout:
1. COM Port Headers (RS-232)
2. USB 2.0 Internal Headers
3. GPIO (General Purpose Input/Output) - 8-bit common in industrial boards
4. Digital I/O connectors
```
---
- ⤷
What are the specific power requirements for the M3A75TAG-R in an industrial setting?
- ⤷ Does this motherboard support ECC memory for data integrity?
- ⤷ How do I configure the RS-232/422/485 jumpers on this board?