AI

The **M3A75TAA-R** is an industrial-grade Micro-ATX motherboard manufactured by **IEI Integration Corp**. It is designed for high-performance computing, specifically utilizing the AMD platform for industrial automation, digital signage, and imaging systems.
---
### 1. Core Architecture & Chipset
The board is built around the **AMD 785G** Northbridge and the **SB710** Southbridge. This combination was popular for balancing power efficiency with integrated graphics capabilities.
| Component | Specification |
| :--- | :--- |
| **Socket** | AM3 (Supports AMD Phenom II, Athlon II, Sempron) |
| **Chipset** | AMD 785G + SB710 |
| **Form Factor** | Micro-ATX (244mm x 244mm) |
| **TDP Support** | Up to 95W processors |
---
### 2. Memory & Storage Interface
The board utilizes DDR3 technology, which was the standard for this architecture, offering a significant bandwidth increase over DDR2.
* **Memory Slots:** 4 x 240-pin DIMM.
* **Max Capacity:** Up to 16GB.
* **Type:** Dual-channel DDR3 1066/800 MHz.
* **SATA:** 6 x SATA 3Gb/s with RAID 0, 1, 10 functionality.
---
### 3. Integrated Graphics and Video Output
The "TAA" in the series often refers to specialized output configurations. The AMD 785G chipset integrates an **ATI Radeon HD 4200** GPU.
* **Video Ports:** Typically includes VGA and HDMI/DVI.
* **Features:** Hardware acceleration for Blu-ray/HD video and DirectX 10.1 support.
* **Shared Memory:** Can allocate up to 512MB of system RAM for video.
---
### 4. Expansion and I/O Connectivity
As an industrial board, it prioritizes "legacy" support alongside modern PCIe lanes for expansion cards.
| Slot/Port Type | Quantity/Details |
| :--- | :--- |
| **PCI Express** | 1 x PCIe x16, 1 x PCIe x4 |
| **Legacy PCI** | 2 x PCI Slots (32-bit) |
| **Ethernet** | Dual Realtek RTL8111CP PCIe GbE controllers |
| **USB** | Up to 10 x USB 2.0 (4 on rear, 6 via headers) |
| **Serial Ports** | Multiple RS-232 headers (Common for industrial sensors) |
---
### 5. Specialized Industrial Features
Unlike consumer boards, the M3A75TAA-R includes parts meant for long-term stability and remote management:
1. **Watchdog Timer:** A programmable hardware timer that resets the system if the software crashes.
2. **TPM Support:** Header for Trusted Platform Module for hardware-based security.
3. **Solid Capacitors:** Used in the VRM (Voltage Regulator Module) area to ensure longevity under 24/7 operation.
---
- ⤷
What are the compatible AMD CPU series for the AM3 socket on this board?
- ⤷ Does this motherboard support RAID configurations for data redundancy?
- ⤷ What are the specific power supply requirements for the M3A75TAA-R?