M3A75FCA-R
AI

The **M3A75FCA-R** is an industrial-grade motherboard typically designed for embedded systems, digital signage, and specialized computing. It is often associated with manufacturers like **Mitac** or **Advantech** (serving the industrial PC market).
Below is a breakdown of its primary electronic components and specifications.
---
### 1. Core Processing & Chipset
This board is built around the **AMD platform**, focusing on energy efficiency and integrated graphics performance.
| Component | Specification |
| :--- | :--- |
| **CPU Socket** | Integrated (SoC) or FS1r2 (depending on specific revision) |
| **Processor Support** | AMD R-Series (Bald Eagle) or A-Series APUs |
| **Chipset** | AMD A75 (Hudson-D3) FCH |
| **Architecture** | x86-64 |
### 2. Memory & Storage Interface
The electronic layout prioritizes high-speed data transfer and reliability in non-stop environments.
* **RAM Slots:** Usually 2x DDR3/DDR3L SO-DIMM slots.
* **SATA Ports:** Integrated SATA III (6Gb/s) controllers for high-speed SSD/HDD connection.
* **mSATA/M.2:** Often includes a Mini-PCIe slot that supports mSATA for compact industrial storage.
### 3. Power Regulation & Connectivity
Industrial boards use high-quality **solid capacitors** to ensure a long MTBF (Mean Time Between Failures).
| Feature | Details |
| :--- | :--- |
| **Power Input** | Typically 12V - 19V DC-In or standard 24-pin ATX |
| **USB Support** | USB 3.0 (Blue) and USB 2.0 headers |
| **Display Output** | Multiple DisplayPort (DP), HDMI, or LVDS for internal panels |
| **Networking** | Dual Gigabit Ethernet (Intel or Realtek controllers) |
### 4. Expansion & Specialized Headers
Unlike consumer boards, the M3A75FCA-R features headers for industrial automation.
1. **COM Ports (RS-232/422/485):** Essential for connecting to legacy industrial machinery and sensors.
2. **GPIO Header:** General Purpose Input/Output for direct hardware triggering.
3. **TPM Header:** Trusted Platform Module for hardware-level security and encryption.
4. **PCIe Slots:** Usually 1x PCIe x16 or x4 slot for riser cards or specialized capture cards.
---
### Summary Table: Electronic Highlights
| Category | Component Detail |
| :--- | :--- |
| **Form Factor** | Mini-ITX (standard for compact industrial builds) |
| **Graphics** | Integrated AMD Radeon™ HD series |
| **Audio** | Realtek ALC series High Definition Audio |
| **Cooling** | Active (Heatsink + Fan) or Passive options depending on TDP |
- ⤷
What is the maximum RAM capacity supported by the M3A75FCA-R?
- ⤷ Which operating systems are most compatible with this industrial board?
- ⤷ Does this motherboard support dual-display output for digital signage?