M3A74TAX-R
AI

The **M3A74TAX-R** is an industrial-grade ATX motherboard manufactured by **iBASE**. It is designed for longevity and stability, utilizing the **AMD 740G + SB710** chipset.
---
## 1. Core Hardware Specifications
The electronic architecture of the M3A74TAX-R is centered around legacy support and high-reliability components.
| Component | Specification | Details |
| :--- | :--- | :--- |
| **CPU Socket** | Socket AM3 | Supports AMD Phenom™ II / Athlon™ II processors |
| **Chipset** | AMD 740G + SB710 | Northbridge handles graphics; Southbridge handles I/O |
| **Memory Slots** | 2x DDR3 DIMM | Supports up to 8GB (1066/1333 MHz) |
| **Graphics** | Integrated ATI Radeon™ 2100 | Integrated into the Northbridge |
| **Power Input** | 24-pin ATX + 4-pin 12V | Standard industrial power distribution |
---
## 2. Key Electronic Features & Interfaces
As an industrial board, it contains specific electronic parts not found on standard consumer boards:
### Expansion Slots
To maintain compatibility with older specialized hardware (like data acquisition cards), it features:
* **4x PCI Slots:** Traditional 32-bit/33MHz PCI bus.
* **1x PCI-E (x16):** For high-speed discrete graphics or FPGA cards.
* **1x PCI-E (x1):** For basic expansion.
* **1x ISA Slot:** A rare legacy interface (bridged) used for very old industrial equipment.
### Connectivity & Storage
* **SATA II:** 6x SATA II (3Gb/s) ports managed by the SB710 Southbridge.
* **COM Ports:** Multiple RS-232/422/485 headers for PLC and sensor communication.
* **Super I/O:** Typically utilizes a Winbond or ITE chip to manage legacy ports (PS/2, Serial, Parallel) and hardware monitoring (fan speeds, voltages).
### Reliability Components
* **Solid Capacitors:** Typically used in the VRM (Voltage Regulator Module) area to ensure heat resistance and longer lifespan compared to electrolytic capacitors.
* **Watchdog Timer:** A specialized circuit that restarts the system automatically if the software hangs.
---
## 3. Block Diagram Overview
The electronic flow follows a classic "Hub" architecture:
```text
[CPU (AM3)] <---> [Northbridge (740G)] <---> [Graphics / Memory]
|
| (A-Link Express II)
|
[Southbridge (SB710)] <---> [SATA / USB / PCI / ISA]
```
- ⤷
Does the M3A74TAX-R support Windows 10
- ⤷ or is it restricted to legacy OS?
- ⤷ How does the ISA slot function on a modern chipset like the 740G?
- ⤷ What are the specific power requirements for the VRM on this board?