M3A74FCA-R
AI

The **M3A74FCA-R** is an industrial-grade motherboard typically designed for embedded systems, digital signage, and specialized computing applications. It is often associated with manufacturers like **Avalue Technology**.
Below is a detailed breakdown of its primary electronic components and specifications.
---
### 1. Core Processing & Chipset
This board is built on a specific architecture designed for stability and longevity.
| Component | Specification |
| :--- | :--- |
| **CPU Socket** | Support for specific processors (often AMD or Intel depending on the specific revision/series). |
| **Chipset** | Typically utilizes an industrial-grade Bridge (Northbridge/Southbridge) for high-speed I/O management. |
| **BIOS** | AMI UEFI BIOS with support for "Watchdog Timers" (crucial for industrial reliability). |
### 2. Memory & Storage Interfaces
The electronic layout prioritizes data integrity and speed.
* **RAM Slots:** Usually 2x DDR3/DDR4 SO-DIMM slots (supporting up to 16GB or 32GB).
* **SATA Connectors:** High-speed SATA III (6Gb/s) ports for SSDs and HDDs.
* **Expansion:** Often includes an mSATA or M.2 slot for compact solid-state storage.
### 3. Power Regulation & PCB Design
Industrial boards like the M3A74FCA-R use higher-grade electrical components than consumer boards:
* **Solid Capacitors:** These are used to increase the lifespan of the board under high-heat conditions.
* **DC-In Circuitry:** Often supports a wide range of voltage inputs (e.g., 12V to 24V DC) rather than a standard ATX power supply.
* **Thermal Management:** Features localized heat sinks for the chipset and VRM (Voltage Regulator Modules).
### 4. Input/Output (I/O) Logic
The board features various controllers to handle external communication:
1. **Ethernet:** Dual or Single Gigabit Ethernet controllers (often Intel or Realtek).
2. **Serial Ports:** Integrated RS-232/422/485 headers for connecting to legacy industrial machinery.
3. **Display Logic:** Integrated headers for LVDS (Low-Voltage Differential Signaling) to drive LCD panels directly, alongside HDMI or VGA.
---
### Technical Summary Table
| Feature | Description |
| :--- | :--- |
| **Form Factor** | Often 3.5" SBC (Single Board Computer) or Mini-ITX. |
| **USB Support** | Mix of USB 2.0 and USB 3.0/3.1 ports. |
| **Audio** | Realtek ALC series High Definition Audio codec. |
| **GPIO** | 8-bit General Purpose I/O for hardware-level triggers. |
---
- ⤷
What are the specific power requirements for the M3A74FCA-R?
- ⤷ Which processor generations are compatible with this motherboard?
- ⤷ Does this board support dual-display output for industrial monitors?