công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3A74FBA-R

  • AI
    The **M3A74FBA-R** is a specific part number typically associated with **TDK-Lambda's** power supply modules, specifically within the **MAW/M series** or customized AC-DC/DC-DC power solutions. This model is engineered for industrial and medical applications where high reliability and stable voltage regulation are paramount. --- ### 1. Key Technical Specifications The following table outlines the general electronic characteristics associated with this series of power components: | Feature | Specification | | :--- | :--- | | **Input Type** | AC-DC or Wide Range DC-DC | | **Cooling Method** | Convection or Forced Air | | **Mounting Type** | Chassis Mount / Internal | | **Safety Certifications** | UL60950-1, EN60950-1 (Industrial Standard) | | **Efficiency** | Typically 85% - 92% | | **Protection Circuits** | Overvoltage, Overcurrent, Thermal Shutdown | --- ### 2. Core Electronic Components Inside a module like the M3A74FBA-R, the following electronic subsystems work together: 1. **Rectification & Filtering:** * **Bridge Rectifiers:** Convert AC input to pulsating DC. * **Electrolytic Capacitors:** Large "bulk" capacitors smooth the ripple voltage. 2. **Power Factor Correction (PFC):** * Many models in this series include active PFC circuits to ensure high efficiency and compliance with harmonics regulations. 3. **Switching Stage (MOSFETs):** * High-speed power MOSFETs switch the DC voltage at high frequencies (usually 50kHz to 200kHz) to allow for a smaller transformer size. 4. **Isolation Transformer:** * Provides galvanic isolation between the input and output stages for safety. 5. **Output Regulation:** * **Schottky Diodes/Synchronous Rectifiers:** Convert the high-frequency AC back to stable DC. * **Feedback Optocouplers:** Communicate the output voltage status back to the control IC while maintaining isolation. --- ### 3. Application Use-Cases The "R" suffix often denotes **RoHS compliance** or a specific revision for rack-mounted systems. Common uses include: * **Industrial Automation:** Powering PLC systems and sensors. * **Medical Equipment:** Specialized versions are used in diagnostic tools requiring low leakage current. * **Telecommunications:** Stable power for base stations and networking hardware. --- ### 4. Comparison to Standard Modules Compared to consumer-grade power supplies, the electronic parts in the M3A74FBA-R are: * **Higher Grade:** Capacitors are usually rated for 105°C rather than 85°C to extend lifespan. * **Better Filtering:** Includes advanced EMI/EMC filters to prevent electrical noise from interfering with other sensitive electronics.
    ✨ Follow-up Questions
    • ⤷What are the specific pinout configurations for the M3A74FBA-R?
    • ⤷ Is there a direct equivalent replacement for this TDK-Lambda part?
    • ⤷ Does this model support medical-grade MOPP isolation?