AI

The **M3A73TCX-R** is an industrial-grade Micro-ATX motherboard designed by **DFI (Diamond Flower Inc.)** for their LANParty or industrial computing lines. It is built around the **AMD 790GX** chipset and supports the AM2+ socket.
Below is a breakdown of the key electronic components and technical specifications of this board.
---
### 1. Core Chipset Architecture
The board utilizes a classic Northbridge/Southbridge architecture common in its generation.
| Component | Specification | Function |
| :--- | :--- | :--- |
| **Northbridge** | AMD 790GX | Manages high-speed communication between CPU, RAM, and PCIe. |
| **Southbridge** | AMD SB750 | Controls I/O, SATA ports, USB, and BIOS functions. |
| **IGP** | Radeon HD 3300 | Integrated graphics with dedicated **SidePort Memory**. |
### 2. Power Delivery & VRM
The voltage regulator module (VRM) is a critical electronic part for system stability.
* **Phase Design:** Usually features a 4+1 or 5-phase power design.
* **Capacitors:** High-quality **Solid Capacitors** are used throughout the board to ensure longevity and heat resistance under heavy loads.
* **MOSFETs:** Low RDS(on) MOSFETs are used to reduce power loss and heat generation during voltage conversion.
### 3. Memory & Expansion Slots
The board interfaces with various electronic peripherals through these standardized slots:
* **DDR2 RAM Slots:** 4 slots supporting Dual-Channel DDR2 1066/800 MHz.
* **PCI-Express 2.0:**
* 2 x PCIe x16 slots (Supports **ATI CrossFireX**).
* 1 x PCIe x1 slot.
* **Legacy PCI:** 1 x standard PCI slot for older industrial or audio cards.
### 4. Storage & Connectivity
The electronic controllers for data transfer include:
* **SATA II:** 6 ports provided by the SB750, supporting RAID 0, 1, 5, and 10.
* **Ethernet:** Marvell 88E8056/88E8053 (or similar) Gigabit LAN controller for high-speed networking.
* **Audio:** Realtek ALC885/888 High Definition Audio codec for 8-channel sound output.
* **Super I/O:** ITE IT8712F (or similar) chip for monitoring temperatures, fan speeds, and controlling PS/2 ports.
---
### 5. Technical Specification Summary
| Feature | Details |
| :--- | :--- |
| **Socket** | AMD AM2+ / AM2 |
| **Form Factor** | Micro-ATX (24.4cm x 24.4cm) |
| **Video Outputs** | HDMI, DVI, and VGA (D-Sub) |
| **Max Memory** | Up to 8GB or 16GB depending on module density |
| **Power Connector** | 24-pin ATX and 8-pin 12V CPU |
---
### 6. Notable Electronic Features
* **SidePort Memory:** This board often includes a dedicated 128MB DDR3 memory chip soldered directly to the motherboard to act as a buffer for the integrated GPU, improving graphics performance without taxing the system RAM.
* **Debug LED:** A 2-digit onboard LED display for POST code troubleshooting, essential for identifying hardware failures (e.g., RAM or CPU initialization errors).
- ⤷
What are the compatible CPU series for the AM2+ socket on this board?
- ⤷ How does the SidePort memory improve integrated graphics performance?
- ⤷ Can this motherboard support modern Windows operating systems?