công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3A73TCG-R

  • AI
    The **M3A73TCG-R** refers to a specific solid-state drive (SSD) module, typically produced by manufacturers like **Micron** or **LITE-ON** (often found in Dell, HP, or Lenovo enterprise systems). It is an M.2 SATA SSD. Below is a breakdown of the electronic components and technical architecture of this part. --- ## Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (22mm x 80mm) | | **Interface** | SATA III (6.0 Gbps) | | **Storage Type** | NAND Flash | | **Cell Architecture** | Usually TLC (Triple-Level Cell) | | **Protocol** | AHCI | | **Voltage** | 3.3V ±5% | --- ## Core Electronic Components The PCB (Printed Circuit Board) of the M3A73TCG-R consists of four primary electronic sections: ### 1. The Controller (The Brain) The controller is the most critical integrated circuit (IC) on the board. It manages how data is stored, retrieved, and organized. * **Functions:** Error Correction Code (ECC), Wear Leveling (distributing writes to extend lifespan), and Bad Block Management. * **Logic:** It translates SATA commands from the host computer into physical signals for the NAND chips. ### 2. NAND Flash Memory Chips These are the non-volatile storage components where the actual data resides. * **Technology:** It utilizes **3D NAND** technology, where storage cells are stacked vertically to increase density without increasing the physical footprint. * **Longevity:** Since these are electronic parts with finite "write cycles," the firmware manages these chips to ensure the drive doesn't fail prematurely. ### 3. DRAM Cache (Optional/Model Dependent) Depending on the specific revision of the M3A73TCG-R: * **Component:** A small DDR3 or DDR4 memory chip. * **Purpose:** Acts as a high-speed buffer to store the "Mapping Table" (the map of where data is located on the NAND). This significantly speeds up random read/write operations. ### 4. Power Management & Circuitry * **Voltage Regulators:** Converts the 3.3V supplied by the M.2 slot into lower voltages (e.g., 1.2V or 1.8V) required by the controller and NAND. * **Capacitors/Resistors:** Surface-mount devices (SMD) that filter electrical noise and ensure a stable flow of current to prevent data corruption during minor power fluctuations. --- ## Hardware Interface The "R" in the suffix often denotes a specific OEM revision for thermal or firmware compatibility. The physical connection uses the **B+M Key** or **B Key** notches, ensuring it fits into standard M.2 SATA slots but prevents it from being inserted into NVMe-only slots.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this SATA M.2 and an NVMe M.2 drive?
    • ⤷ How do I check the health and remaining life of this specific SSD?
    • ⤷ Is the M3A73TCG-R compatible with modern PCIe Gen4 slots?