công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3A73TBA-R

  • AI
    The **M3A73TBA-R** is a specific motherboard revision, typically identified as an industrial or specialty motherboard often associated with BIOSTAR or OEM manufacturing. It is designed to support the **AMD AM2+/AM2** socket architecture. Below is a breakdown of the electronic components and technical specifications of this board. --- ### 1. Core Architecture & Chipset The performance of this board is defined by its chipset pairing, designed for high-bandwidth communication between the CPU and peripherals. | Component | Specification | | :--- | :--- | | **CPU Socket** | AMD AM2+ / AM2 (Supports Phenom, Athlon 64 X2, Sempron) | | **Northbridge** | AMD 770 (Handles PCIe lanes and CPU communication) | | **Southbridge** | AMD SB700 (Manages SATA, USB, and PCI slots) | | **HyperTransport** | HT 3.0 (Up to 5.2G) | --- ### 2. Power Delivery & Regulation (VRM) The Voltage Regulator Module (VRM) is critical for converting the power from the PSU to the low voltage required by the CPU. * **Capacitors:** This board typically utilizes **Solid Capacitors** for the CPU VRM area to ensure stability under high temperatures and longevity compared to electrolytic versions. * **Phase Design:** Usually features a 3 or 4-phase power design, sufficient for standard TDP processors but not intended for extreme overclocking. * **PWM Controller:** An integrated circuit that manages the switching of the MOSFETs to maintain precise voltage levels. --- ### 3. Memory & Expansion Slots The board's layout provides legacy support alongside then-modern standards for data transfer. #### Memory (RAM) * **Type:** DDR2 (Dual Channel) * **Slots:** 4 x DIMM slots. * **Speed:** Supports 533/667/800/1066 MHz. #### Expansion Interface * **PCI-Express:** 1 x PCIe x16 2.0 slot (for discrete graphics cards). * **PCIe x1:** 2 x slots for modern expansion cards (sound, networking). * **PCI Legacy:** 3 x 32-bit PCI slots for older industrial or interface cards. --- ### 4. Storage and I/O Connectivity The electronic interface for data storage is managed by the SB700 Southbridge. * **SATA II:** 6 x SATA 3Gb/s connectors supporting RAID 0, 1, 10. * **IDE Header:** 1 x IDE connector (supports 2 PATA devices), common in industrial versions of this board. * **Audio:** Integrated Realtek ALC series (High Definition Audio). * **Ethernet:** Realtek RTL8111 series Gigabit LAN controller (10/100/1000 Mbit). --- ### 5. Rear Panel Connectors (I/O) The physical ports located on the back of the motherboard include: 1. **PS/2:** Dedicated ports for Keyboard and Mouse. 2. **USB 2.0:** Usually 4 to 6 ports on the rear. 3. **RJ-45:** Gigabit Ethernet port. 4. **Audio Jacks:** Line-in, Line-out, and Microphone. 5. **Serial/COM Port:** Often present on the "-R" or industrial revisions for legacy hardware communication. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum RAM capacity supported by the M3A73TBA-R?
    • ⤷ Does this motherboard support AM3 processors via BIOS update?
    • ⤷ Which specific power supply connectors are required for this board?