AI

The **M3A73TAG-R** is an industrial-grade Micro-ATX motherboard designed by Portwell, built specifically for the AMD platform. It targets embedded systems, automation, and digital signage.
Below is a breakdown of its primary electronic components and technical specifications.
---
### 1. Core Architecture & Chipset
This board is built on a legacy AMD architecture optimized for reliability and long-lifecycle support.
| Component | Specification |
| :--- | :--- |
| **CPU Socket** | AMD Socket AM3/AM2+ |
| **Supported CPUs** | AMD Phenom II, Athlon II, and Sempron processors |
| **Northbridge** | AMD 780G (Integrated graphics and high-speed I/O) |
| **Southbridge** | AMD SB700 (Manages SATA, USB, and PCI lanes) |
### 2. Memory and Storage Interface
The board utilizes standard DDR2 memory, which was common for the era of its release, ensuring compatibility with industrial legacy hardware.
* **RAM Slots:** 4x 240-pin DIMM sockets.
* **Memory Type:** Dual-channel DDR2 1066/800/667 MHz.
* **Max Capacity:** Up to 8GB.
* **Storage:**
* 6x SATA II (3.0 Gb/s) ports supporting RAID 0, 1, 10.
* 1x Ultra DMA 133/100/66 IDE connector (for legacy drives).
### 3. Expansion and I/O Connectivity
The "Industrial" nature of the board is defined by its diverse range of expansion slots and serial communication ports.
#### Expansion Slots
1. **PCI-Express x16:** 1 slot for dedicated high-end graphics cards.
2. **PCI-Express x1:** 1 slot for modern expansion cards.
3. **PCI (32-bit):** 2 slots for legacy industrial control cards.
#### Rear and Internal I/O
* **Video Output:** Integrated ATI Radeon HD 3200 (VGA, DVI-D, and HDMI support).
* **Networking:** Dual Gigabit Ethernet (typically Realtek RTL8111C controllers).
* **USB:** Up to 12x USB 2.0 ports (6 on rear, 6 via internal headers).
* **Serial Ports:** Includes RS-232/422/485 headers, critical for industrial PLC and sensor communication.
### 4. Power and Thermal Management
* **Power Input:** Standard 24-pin ATX power connector + 4-pin 12V CPU power.
* **Cooling:** Passive heatsinks on the Northbridge and Southbridge; 3x fan headers (CPU, System, and Power fan) with speed monitoring.
* **BIOS:** AMI BIOS with support for "Wake-on-LAN" and "Watchdog Timer" (essential for remote industrial recovery).
---
### 5. Unique Industrial Features
Unlike consumer boards, the M3A73TAG-R includes:
* **Watchdog Timer:** Programmable 1~255 sec/min; resets the system if software freezes.
* **Long Life Cycle:** Manufactured with components designed to be available for 5-7 years.
* **Strict Revision Control:** Ensures the hardware signature doesn't change, preventing software compatibility issues in factories.
- ⤷
What are the specific power requirements for the M3A73TAG-R?
- ⤷ Which operating systems are officially supported by this motherboard?
- ⤷ Can the integrated ATI Radeon HD 3200 handle dual-monitor setups?