công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3A72FBG-R

  • AI
    The **M3A72FBG-R** is a specific part number typically associated with an **SFP+ (Small Form-factor Pluggable Plus) Optical Transceiver module**. These components are critical in high-speed networking for converting electrical signals into optical signals (and vice versa). --- ### 1. Technical Specifications Below are the primary electronic and optical characteristics typically found in this module type: | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP+ | | **Data Rate** | 10 Gbps (10GBASE) | | **Wavelength** | 850 nm (Typical for Multi-mode) | | **Cable Type** | Multi-mode Fiber (MMF) | | **Connector** | Duplex LC | | **Max Distance** | Up to 300m (on OM3 fiber) | | **Supply Voltage** | 3.3V | --- ### 2. Key Internal Electronic Components An SFP+ module like the M3A72FBG-R consists of several integrated electronic subsystems: 1. **Optical Transmitter (TOSA):** Contains a **VCSEL** (Vertical-Cavity Surface-Emitting Laser) diode that converts electrical data bits into light pulses. 2. **Optical Receiver (ROSA):** Contains a **PIN Photodiode** and a Transimpedance Amplifier (TIA) to convert incoming light back into electrical current. 3. **Laser Driver:** An integrated circuit (IC) that provides the necessary modulation and bias currents to the laser. 4. **Limiting Amplifier:** Post-amplifies the signal from the ROSA to ensure standard logic levels are sent back to the host switch/router. 5. **EEPROM / Microcontroller:** Stores ID information, serial numbers, and vendor codes. It also handles the **DDM (Digital Diagnostic Monitoring)** functions. --- ### 3. Digital Diagnostic Monitoring (DDM) The "FBG" or specific suffix in these part numbers often denotes support for **DOM/DDM**. This allows the network administrator to monitor real-time electronic parameters: * **Internal Temperature:** To prevent overheating. * **Supply Voltage:** Ensures the module is receiving stable 3.3V power. * **Laser Bias Current:** Monitors the health of the laser diode. * **TX Optical Power:** Measures the strength of the outgoing signal. * **RX Optical Power:** Measures the strength of the incoming signal from the fiber. --- ### 4. Application and Compatibility The M3A72FBG-R is designed for high-density environments. Because SFP+ is a "hot-pluggable" interface, the electronic pins are designed to be engaged while the system is powered on without causing an electrical short or data corruption. * **Primary Use:** 10G Ethernet, 8G/10G Fiber Channel. * **Hardware Compatibility:** Commonly used in switches, routers, and Network Interface Cards (NICs) from vendors like Cisco, Juniper, Arista, or Mellanox (depending on the specific EEPROM coding). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption of an SFP+ module like the M3A72FBG-R?
    • ⤷ How does DDM/DOM help in troubleshooting network failures?
    • ⤷ Is this module compatible with Single-mode fiber (SMF) cables?