M3A71TAA-R
AI

The **M3A71TAA-R** is a specific part number associated with an AC/DC power adapter, typically utilized for high-performance laptops (often Acer or Gateway) or compact desktop systems.
Below is an explanation of its electronic specifications and characteristics.
---
### 1. Technical Specifications
The M3A71TAA-R is designed to convert high-voltage alternating current (AC) from a wall outlet into a stable low-voltage direct current (DC) required by sensitive electronics.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 100V - 240V AC (Universal) |
| **Input Frequency** | 50Hz - 60Hz |
| **Output Voltage** | 19V DC |
| **Output Amperage** | 7.1A |
| **Total Power Wattage** | 135 Watts |
| **Connector Tip Size** | 5.5mm (Outer) x 1.7mm (Inner) |
---
### 2. Key Electronic Components
Internally, this power brick functions as a **Switched-Mode Power Supply (SMPS)**. It contains several critical electronic stages:
* **EMI Filter:** Prevents electromagnetic interference from feeding back into the power grid and protects the internal circuits from line noise.
* **Rectifier Bridge:** Converts the incoming AC voltage into pulsating DC.
* **PFC (Power Factor Correction) Circuit:** Enhances efficiency and reduces the harmonic distortion of the power drawn from the source.
* **Switching MOSFETs:** Rapidly turn the current on and off (at high frequencies) to drive a high-frequency transformer.
* **Step-Down Transformer:** Provides galvanic isolation and steps the high voltage down to the required 19V.
* **Feedback Loop (Optoisolator):** Constantly monitors the output voltage and sends a signal back to the controller to adjust the switching speed, ensuring the 19V remains stable regardless of the load.
---
### 3. Safety and Protection Features
The "R" suffix and the regulatory marks on the casing indicate several built-in safety mechanisms:
1. **Over-Voltage Protection (OVP):** Shuts down the unit if the output voltage exceeds safe levels.
2. **Short-Circuit Protection (SCP):** Prevents the brick from catching fire or damaging the laptop if the DC cable is frayed or shorted.
3. **Thermal Protection:** Sensors that reduce power or shut down the unit if internal temperatures exceed safe operating limits.
4. **Over-Current Protection (OCP):** Limits the output to 7.1A to prevent the internal components from melting under excessive load.
---
### 4. Compatibility Note
While the **M3A71TAA-R** is commonly found in Acer Nitro and Aspire series laptops, always verify the **Connector Tip Size**. Even if the voltage (19V) and wattage (135W) match, Acer uses different pin sizes (e.g., 5.5mm x 1.7mm vs. 7.4mm x 5.0mm) across different generations.
- ⤷
What is the difference between a 135W and a 180W power adapter for the same laptop?
- ⤷ Can I use a 19.5V adapter if the M3A71TAA-R is rated for 19V?
- ⤷ How do I test if the M3A71TAA-R adapter is failing using a multimeter?