M3A71FAX-R
AI

The **M3A71FAX-R** is a high-performance, single-output DC-DC power converter module designed for industrial and telecommunications applications. It belongs to the **M3A series**, which is known for its ultra-wide input voltage range and rugged construction.
---
### 1. Technical Specifications
The core electronic characteristics of the M3A71FAX-R are summarized in the table below:
| Feature | Specification |
|:---|:---|
| **Input Voltage Range** | 9V to 75V DC |
| **Output Voltage** | 12V DC |
| **Output Current** | 10A (Typical) |
| **Maximum Power** | 120W |
| **Efficiency** | ~90% (Load dependent) |
| **Isolation** | 2250V DC (Input to Output) |
| **Package Style** | Half-Brick Footprint |
---
### 2. Key Electronic Components & Subsystems
The module is comprised of several high-grade electronic stages to ensure stability:
* **Power MOSFETs:** Utilizes high-frequency switching transistors to convert DC power with minimal heat loss.
* **Planar Transformers:** Unlike wire-wound transformers, these use PCB copper traces to achieve a low profile and high power density.
* **Control ICs:** Integrated PWM (Pulse Width Modulation) controllers manage the duty cycle to maintain a steady 12V output despite fluctuations in input voltage.
* **Input/Output Filters:** Contains internal LC (Inductor-Capacitor) networks to reduce EMI (Electromagnetic Interference) and ripple voltage.
---
### 3. Functional Features
The M3A71FAX-R includes several protection and control pins used in complex electronic circuits:
1. **Remote On/Off:** A control pin that allows the system to enable or disable the converter via a logic signal.
2. **Remote Sense:** Compensates for voltage drops across the output power lines to ensure the load receives exactly 12V.
3. **Trim Function:** Allows the user to adjust the output voltage slightly (usually +/- 10%) by connecting an external resistor.
4. **Protection Circuits:**
* **OTP:** Over Temperature Protection.
* **OCP:** Over Current Protection (Current limiting).
* **UVLO:** Under-Voltage Lockout (Prevents operation if input voltage is too low).
---
### 4. Comparison with Standard Converters
| Feature | M3A71FAX-R | Standard DC-DC |
|:---|:---|:---|
| **Input Ratio** | 8:1 (Ultra Wide) | 2:1 or 4:1 |
| **Isolation** | High (Reinforced) | Basic |
| **Environment** | Industrial/Military | Commercial |
- ⤷What is the specific pinout configuration for the M3A71FAX-R?
- ⤷ How do I calculate the external resistor value for the Trim function?
- ⤷ What are the thermal derating requirements for this module?