công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3A68FCD-R

  • AI
    The **M3A68FCD-R** is a specific motherboard model, typically associated with OEM builds (such as those from Acer or Gateway) and manufactured by ECS (Elitegroup Computer Systems). It is based on the AMD platform. Below is an explanation of its electronic components, specifications, and architecture. --- ## 1. Core Specifications Table | Component | Specification | | :--- | :--- | | **Form Factor** | Micro-ATX (mATX) | | **CPU Socket** | Socket AM2+ / AM2 | | **Chipset** | AMD 780G (Northbridge) / SB700 (Southbridge) | | **Memory Slots** | 4 x 240-pin DDR2 DIMM | | **Expansion Slots** | 1x PCIe x16, 1x PCIe x1, 2x PCI | | **Storage** | 6x SATA II (3.0 Gb/s) | | **Integrated Graphics** | ATI Radeon HD 3200 | --- ## 2. Key Electronic Sections ### A. The Chipset Architecture The board utilizes a two-chip solution characteristic of its era: * **AMD 780G (Northbridge):** Manages high-speed communication between the CPU, the PCIe x16 slot, and the integrated Radeon HD 3200 GPU. It often features a dedicated heatsink to dissipate heat generated by the onboard video processing. * **AMD SB700 (Southbridge):** Manages slower I/O operations, including the SATA ports, USB 2.0 headers, BIOS chip, and the legacy PCI slots. ### B. Voltage Regulator Module (VRM) The VRM is the group of electronic parts near the CPU socket responsible for converting 12V power from the PSU into the low voltage (approx. 1.1V–1.5V) required by the processor. * **Phase Design:** Usually a 3+1 or 4+1 phase design. * **Capacitors:** On the "R" revision, you will typically find **Electrolytic Capacitors** or **Solid Capacitors**. These stabilize voltage and filter noise. * **MOSFETs:** Small rectangular chips that act as switches to control current flow. * **Chokes/Inductors:** The square blocks that store energy in a magnetic field to smooth out the power delivery. ### C. I/O and Connectivity The physical ports at the rear of the board are controlled by various controllers: * **Super I/O Chip:** (Often ITE or Winbond) Manages low-bandwidth devices like the PS/2 ports, serial ports, and hardware monitoring (fan speeds/temperatures). * **Ethernet Controller:** A dedicated Realtek chip providing 10/100/1000 Mbps networking. * **Audio Codec:** A Realtek ALC series chip providing 5.1 or 7.1 channel High Definition audio. --- ## 3. Power Connections To power these electronics, the board requires: 1. **24-pin ATX Power Connector:** Provides main power to the motherboard logic and peripherals. 2. **4-pin ATX 12V Connector:** Dedicated power line specifically for the CPU VRM. --- ## 4. Troubleshooting Visual Indicators When inspecting this board, look for these common electronic failure points: * **Bulging Capacitors:** The tops of the silver/brown cylinders should be perfectly flat. If they are rounded or leaking brown fluid, the board will be unstable. * **CMOS Battery:** A CR2032 3V button cell that keeps the BIOS settings and system clock powered when the PC is unplugged. ---
    ✨ Follow-up Questions
    • ⤷ What are the maximum RAM capacity and speed supported by the M3A68FCD-R?
    • ⤷ Which AMD processors are compatible with the Socket AM2+ on this board?
    • ⤷ Can the integrated ATI Radeon HD 3200 handle modern video playback?