M3A68FAG-R
AI

The **M3A68FAG-R** is a specific part number typically associated with **DDR3 SDRAM memory modules**, often manufactured by companies like **SK Hynix** or utilized in OEM systems (such as Cisco or HP networking gear).
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The M3A68FAG-R is a Registered DIMM (RDIMM) designed for server and workstation environments where data integrity and high capacity are critical.
| Feature | Specification |
| :--- | :--- |
| **Memory Type** | DDR3 SDRAM |
| **Form Factor** | 240-pin RDIMM (Registered DIMM) |
| **Capacity** | Typically 8GB or 16GB (varies by suffix) |
| **Error Correction** | ECC (Error Correction Code) |
| **Voltage** | 1.5V (Standard) or 1.35V (Low Voltage) |
| **Rank** | Dual Rank (2Rx4 or 2Rx8) |
---
### 2. Key Electronic Components
A memory module like the M3A68FAG-R consists of several distinct electronic parts integrated onto a PCB:
#### A. DRAM Chips (The Memory Cells)
These are the black integrated circuits (ICs) mounted on the board.
* **Function:** Store the actual data bits.
* **Technology:** Uses CMOS process technology. In this specific model, these are high-density DDR3 chips.
#### B. Register (The "R" in RDIMM)
Unlike standard desktop RAM (UDIMM), this module includes a **Register chip** (often an Inphi or IDT component).
* **Function:** It acts as a buffer between the system memory controller and the DRAM chips.
* **Benefit:** It reduces the electrical load on the memory controller, allowing the system to remain stable even when many sticks of RAM are installed.
#### C. SPD EEPROM (Serial Presence Detect)
A small 8-pin chip located on the PCB.
* **Function:** Stores timing data, manufacturer info, and voltage requirements.
* **Communication:** The BIOS/UEFI reads this via the I2C/SMBus protocol during boot to configure the memory settings automatically.
#### D. Decoupling Capacitors
Small SMD (Surface Mount Device) components scattered near the DRAM chips.
* **Function:** Filter electrical noise and provide local energy storage to stabilize the voltage during high-speed switching.
---
### 3. Technical Operational Logic
The electronic behavior of this part follows the **JEDEC** standards for DDR3:
1. **Differential Clocking:** Uses `CK` and `CK#` signals to trigger data transfers on both the rising and falling edges of the clock pulse.
2. **Fly-by Topology:** Used for command, address, and control signals to improve signal integrity at higher speeds.
3. **On-Die Termination (ODT):** Internal resistors within the chips prevent signal reflections (echoes) that could cause data corruption.
---
### 4. Application Example (Cisco Networking)
This specific part number is frequently found in **Cisco UCS Servers** or **Nexus Switches**.
* **Code Example (Checking RAM via CLI):**
```bash
# On a Cisco Nexus/UCS system, you might see this part identified via:
show inventory
# Or to see memory details:
show memory hardware
```
- ⤷
What is the difference between RDIMM and UDIMM in terms of electronic stability?
- ⤷ Can M3A68FAG-R be used in a standard consumer motherboard?
- ⤷ How does ECC functionality physically work on this module?