M3A66FAA-R
AI

The **M3A66FAA-R** is a high-performance **Synchronous Dynamic Random Access Memory (SDRAM)** module, specifically a **DDR4 SODIMM** (Small Outline Dual In-line Memory Module). These parts are typically manufactured by **SK Hynix**.
Below is a detailed breakdown of its electronic specifications and technical architecture.
---
### 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics of the M3A66FAA-R series:
| Parameter | Specification |
| :--- | :--- |
| **Memory Type** | DDR4 SDRAM |
| **Form Factor** | SODIMM (260-pin) |
| **Capacity** | Typically 16GB (varies by density) |
| **Speed/Frequency** | 3200 MT/s (PC4-25600) |
| **Voltage (VDD)** | 1.2V (Standard Low Voltage) |
| **CAS Latency** | CL22 |
| **Rank Configuration** | 2Rx8 (Dual Rank) |
| **Operating Temperature** | 0°C to 85°C |
---
### 2. Key Electronic Components
The module is composed of several critical integrated circuits (ICs) and discrete components:
#### A. DRAM Chips (The Core)
* **Architecture:** Uses high-density DDR4 chips (often 8Gb or 16Gb dies).
* **Bank Groups:** Features a 16-bank architecture (4 bank groups with 4 banks each) to allow for faster data interleaving.
* **Refresh:** Supports Auto-Refresh and Self-Refresh modes to maintain data integrity.
#### B. Serial Presence Detect (SPD) EEPROM
* This is a small non-volatile memory chip located on the PCB.
* **Function:** It stores the module's timing parameters, manufacturer ID, and serial number. When the system boots, the BIOS reads this chip via the **I2C/SMBus** protocol to configure the memory controller automatically.
#### C. Passives and Power Decoupling
* **Decoupling Capacitors:** Multiple surface-mount capacitors (MLCCs) are placed near each DRAM chip to filter electrical noise and stabilize the 1.2V supply during high-speed switching.
* **Termination Resistors:** Used for On-Die Termination (ODT) to prevent signal reflections on the data bus.
---
### 3. Pinout and Interface
The **260-pin gold finger interface** provides the electrical path for:
1. **Address Bus:** Selects the specific row and column within the memory banks.
2. **Data Bus (DQ):** 64-bit wide path for data transfer.
3. **Clock (CK/CK#):** Differential clock signals for precise synchronization.
4. **Control Signals:** Including Command/Address (C/A) parity to detect errors on the bus.
---
### 4. Application Use-Case
Because of the **SODIMM** form factor and **1.2V** power consumption, this part is electronically optimized for:
* High-end Laptops and Workstations.
* Small Form Factor (SFF) PCs (e.g., Intel NUC).
* Industrial Embedded Systems requiring high bandwidth.
- ⤷
What is the difference between 1Rx8 and 2Rx8 for this specific module?
- ⤷ Can this DDR4 module be used in a DDR5 slot?
- ⤷ How does the 1.2V operating voltage benefit laptop battery life compared to DDR3?