công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3A65FAD-R

  • AI
    The **M3A65FAD-R** is an electronic component manufactured by **Renesas Electronics** (formerly Renesas/Hitachi). It is a specialized power semiconductor device, specifically a **Power MOSFET Module** or a high-performance **P-Channel MOSFET** designed for automotive and industrial power management applications. --- ### 1. Key Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | P-Channel MOSFET | | **Package Type** | SOP-8 / Power SOP | | **Max Drain-Source Voltage ($V_{DSS}$)** | -60V | | **Max Continuous Drain Current ($I_D$)** | Approx. -11A to -15A (Heat sink dependent) | | **On-Resistance ($R_{DS(on)}$)** | Low resistance (typically < 50 mΩ) | | **Operating Temperature** | -55°C to +150°C | --- ### 2. Functional Characteristics * **P-Channel Logic:** Since it is a P-channel device, it is typically used for **High-Side Switching**. This simplifies the gate driving circuit compared to N-channel MOSFETs, which require a charge pump or bootstrap circuit to turn on at the high side. * **Low On-Resistance:** The "R" suffix often denotes optimized resistance, minimizing power dissipation and heat generation during operation. * **Fast Switching:** Designed for high-speed switching applications, reducing switching losses in DC-DC converters. --- ### 3. Application Areas This part is commonly found in the following electronic systems: 1. **Automotive Electronics:** Used in Body Control Modules (BCM), power window motors, and lighting control. 2. **Power Management:** Load switching in portable devices or industrial motherboards. 3. **Motor Drives:** Used as part of an H-bridge circuit for controlling small DC motors. 4. **Battery Protection:** Serving as a disconnect switch in battery management systems (BMS). --- ### 4. Pin Configuration (Typical SOP-8) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 2, 3 | **Source (S)** | Input voltage source | | 4 | **Gate (G)** | Controls the "On/Off" state | | 5, 6, 7, 8 | **Drain (D)** | Connected to the load | --- ### Summary of Benefits The M3A65FAD-R is valued for its **reliability** and **thermal efficiency**. Because it is a P-channel device, it allows for a very simple "Pull-down" gate control mechanism to activate the switch, making it a favorite for engineers looking to reduce component count in power-sensitive designs.
    ✨ Follow-up Questions
    • ⤷What are the primary differences between this P-channel MOSFET and an N-channel equivalent?
    • ⤷ Can you provide the specific Gate-Source Threshold Voltage ($V_{GS(th)}$) for this part?
    • ⤷ What are the recommended thermal management strategies for the SOP-8 package version?