công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3A64FBX-R

  • AI
    The **M3A64FBX-R** is an electronic component, specifically a **Surface Mount Device (SMD) Bridge Rectifier**. These components are essential in power management circuits for converting Alternating Current (AC) into Direct Current (DC). --- ## Technical Specifications The part belongs to the **M3A** series, known for high efficiency and a compact footprint. Below are the primary technical parameters: | Parameter | Specification | |:--- |:--- | | **Component Type** | Single Phase Bridge Rectifier | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 600V - 1000V (typical for this series) | | **Average Forward Current ($I_{F(AV)}$)** | 3.0 Amperes | | **Peak Forward Surge Current ($I_{FSM}$)** | ~80A - 100A | | **Package Type** | ABS / MBLS (Mini-Bridge Surface Mount) | | **Operating Temperature** | -55°C to +150°C | --- ## Key Electronic Characteristics ### 1. Rectification Mechanism The M3A64FBX-R contains four integrated silicon diodes arranged in a bridge configuration. This allows for **Full-Wave Rectification**, utilizing both the positive and negative halves of the AC input cycle to produce a constant polarity output. ### 2. Glass Passivated Junction The "R" suffix and internal architecture usually imply a glass-passivated chip junction. This technology provides: * High reliability under high-temperature conditions. * Low reverse leakage current. * Protection against environmental moisture. ### 3. Thermal Management As an SMD component, it relies on the PCB (Printed Circuit Board) copper traces for heat dissipation. The flat-lead design minimizes inductance and allows for a low profile in modern electronic assemblies. --- ## Common Applications * **AC/DC Adapters:** Used in chargers for laptops and smartphones. * **Switch Mode Power Supplies (SMPS):** Acts as the primary rectification stage. * **LED Lighting:** Converts mains AC voltage to DC for LED drivers. * **Home Appliances:** Small power conversion units for control boards. --- ## Pinout Configuration Typically, the device has four pins: 1. **AC (~):** Input for Alternating Current. 2. **AC (~):** Input for Alternating Current. 3. **Positive (+):** Rectified DC output. 4. **Negative (-):** Rectified DC ground/return.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the M3A64FBX-R?
    • ⤷ How does the surge current rating affect its use in inductive loads?
    • ⤷ What is the recommended soldering profile for this SMD package?