công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3A61TCA-R

  • AI
    The **M3A61TCA-R** refers to a specific hardware revision of a logic board or power management module often associated with **TCL** or **RCA** LCD/LED televisions. Below is a breakdown of the electronic components and architecture typically found on this board. --- ## 1. Core Component Categories | Component Category | Description | Common Parts Found | | :--- | :--- | :--- | | **Main Processor (SoC)** | The "brain" that handles video processing and UI. | Usually a MediaTek or MStar chipset. | | **Voltage Regulators** | Converts incoming power to lower voltages (5V, 3.3V, 1.2V). | DC-to-DC Buck converters and LDOs. | | **Memory (RAM/Flash)** | Stores the firmware (OS) and temporary data. | EEPROM (8-pin) and NAND/eMMC Flash. | | **Audio Amplifier** | Drives the internal speakers. | Class-D Audio IC (e.g., TAS series). | --- ## 2. Detailed Circuit Analysis ### A. Power Management (PMIC) The board features several step-down (Buck) regulators. These are critical because the main processor requires stable, low-voltage power (often 1.1V to 1.5V) to operate without crashing. * **Inductors:** Large grey or black square components near the power input; they store energy for voltage conversion. * **Electrolytic Capacitors:** Used for filtering "noise" from the power supply. ### B. Input/Output (I/O) Interface The M3A61TCA-R serves as the hub for all external connections: * **HDMI Ports:** High-definition video input requiring ESD (Electrostatic Discharge) protection diodes nearby. * **LVDS/V-by-One Connector:** The multi-pin ribbon connector that sends the processed video signal to the T-CON board or directly to the LCD panel. * **Tuner:** The metal-shielded box responsible for decoding RF signals from cable or antenna. ### C. Firmware Storage The **EEPROM/Flash chip** is a vital electronic part on this board. It stores the bootloader and TV settings. * **Symptom of Failure:** If this chip fails or the data is corrupted, the TV may get stuck on the "Logo" screen or fail to power on entirely (Standby light only). --- ## 3. Technical Specifications Table | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 12V DC (usually from a separate Power Supply Board) | | **Backlight Control** | Integrated PWM dimming signals | | **Panel Interface** | 30-pin or 51-pin LVDS | | **USB Support** | 2.0 Interface for Media Playback | --- ### Troubleshooting Common Component Failures 1. **Blown Capacitors:** Look for bulging tops on the cylindrical components. 2. **Overheated SoC:** If the main processor gets extremely hot to the touch instantly, it likely has an internal short. 3. **Corrupted SPI Flash:** If voltages are correct but the board won't boot, the 8-pin Flash IC often needs reprogramming.
    ✨ Follow-up Questions
    • ⤷ How do I test the voltage regulators on this specific board using a multimeter?
    • ⤷ What are the common firmware symptoms for the M3A61TCA-R?
    • ⤷ Can this board be interchanged with other M3A series models?