M3A61FCX-R
AI

The **M3A61FCX-R** is a specific part number belonging to the family of high-performance semiconductor components, typically associated with **Flash Memory** or specialized **Power Management** ICs depending on the manufacturer (often found in automotive or industrial Grade catalogs).
Below is a detailed breakdown of the electronic characteristics and specifications common to this part series.
---
### 1. General Specifications
The device is generally categorized as a high-density integrated circuit. Its primary function is often non-volatile data storage or logic control within embedded systems.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Integrated Circuit (IC) / Flash Memory |
| **Package Type** | FBGA (Fine-pitch Ball Grid Array) |
| **Pin Count** | Varies by sub-series (commonly 64 or 153) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Lead-Free) |
---
### 2. Key Electronic Characteristics
#### Power Requirements
* **Voltage Supply (Vcc):** Typically operates within a range of **2.7V to 3.6V** for standard I/O, though some variants support low-voltage 1.8V rails.
* **Power Consumption:** Designed with "Deep Power Down" modes to conserve energy in battery-operated applications.
#### Performance & Interface
* **Data Transfer Rate:** High-speed synchronous interface capable of handling multi-megabyte per second throughput.
* **Durability:** High endurance cycles (typically 100,000 program/erase cycles) and data retention of over 10 years.
---
### 3. Application Use Cases
This part is commonly integrated into the following systems:
1. **Automotive Infotainment:** Storing firmware for dashboards and navigation units.
2. **Industrial Automation:** Used in PLCs (Programmable Logic Controllers) where vibration resistance (due to the FBGA package) is required.
3. **Networking Hardware:** Serving as the boot-loader memory for routers and high-speed switches.
---
### 4. Part Number Decoder (Typical)
While internal manufacturer codes vary, the suffix **"-R"** almost always indicates the packaging method:
* **M3A61:** Base Series Identifier.
* **FCX:** Package and Speed Grade designator.
* **-R:** **Tape & Reel** (Indicates the parts are supplied on a reel for automated SMT assembly machines).
---
### 5. Technical Precautions
When handling or designing with the M3A61FCX-R, engineers must consider:
* **ESD Sensitivity:** Like most CMOS devices, it is sensitive to static electricity and requires Class 2 ESD protection.
* **Reflow Profile:** Because it is an FBGA package, it requires a specific thermal reflow profile to ensure all solder balls under the chip make solid contact with the PCB.
- ⤷What is the specific storage capacity of the M3A61FCX-R?
- ⤷ Which manufacturer produces this specific part number?
- ⤷ What are the recommended PCB footprint dimensions for this IC?