công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3A61FBD-R

  • AI
    ## M3A61FBD-R: Component Analysis The **M3A61FBD-R** is a specific part number typically associated with **DDR3 SDRAM Memory Modules**, often manufactured by **Micron** or used in specific server/workstation hardware configurations. Below is a breakdown of the electronic characteristics and specifications associated with this part. --- ### 1. Technical Specifications The part belongs to the synchronous dynamic random-access memory family. Its performance is dictated by its density, clock speed, and voltage requirements. | Characteristic | Specification | | :--- | :--- | | **Memory Type** | DDR3 SDRAM | | **Form Factor** | FB-DIMM (Fully Buffered DIMM) | | **Capacity** | Typically 2GB or 4GB (Depends on internal die configuration) | | **Error Correction** | ECC (Error Correcting Code) | | **Voltage** | 1.5V (Standard DDR3) | | **Data Transfer Rate** | PC3-8500 or PC3-10600 (Depending on variant) | | **Pins** | 240-Pin | --- ### 2. Key Electronic Components A module like the M3A61FBD-R is an assembly of several discrete electronic parts: * **DRAM Chips:** The individual integrated circuits (ICs) that store the data. These are typically high-density CMOS chips. * **AMB (Advanced Memory Buffer):** Since this is an **FB-DIMM**, it contains a central logic chip that acts as a buffer between the memory controller and the DRAM chips. This reduces electrical load on the memory bus but increases latency and power consumption. * **SPD EEPROM:** A small 8-pin chip that stores the module's timing, voltage, and manufacturer data, which the BIOS reads during POST (Power-On Self-Test). * **Passives:** A series of surface-mount (SMD) capacitors and resistors used for decoupling noise and terminating signals to ensure data integrity. --- ### 3. Usage Context Because this part is **Fully Buffered (FB)** and features **ECC**, it is strictly intended for: 1. **Server Motherboards:** Systems requiring high reliability and large memory capacities. 2. **Workstations:** Precision machines (like older Mac Pros or Dell Precision units) that handle complex calculations. 3. **Incompatibility:** These parts **will not work** in standard consumer desktop motherboards, even if they have 240-pin slots, due to the presence of the AMB chip. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an FB-DIMM and a standard Registered DIMM?
    • ⤷ Can I mix M3A61FBD-R with non-ECC memory in the same system?
    • ⤷ What are the thermal considerations for the AMB chip on this module?