công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3A26TCG-R

  • AI
    The **M3A26TCG-R** is a specific part number typically associated with specialized mechanical or electromechanical components used in industrial or automotive applications. Based on standard part numbering conventions for this series, it refers to a **Thermal Cutoff (TCO) or Thermal Fuse** component, often manufactured by companies like Uchihashi or similar specialty electronic firms. --- ### Technical Specifications & Composition Below is a breakdown of the electronic and physical characteristics of this part: | Feature | Description | | :--- | :--- | | **Component Type** | Thermal Cutoff (TCO) / Thermal Protector | | **Rated Functioning Temperature** | Approximately 126°C to 130°C (indicated by the '26' code) | | **Rated Current** | Typically 2A to 3A | | **Rated Voltage** | 250V AC / 50V DC (Standard range) | | **Contact Type** | Normally Closed (Opens upon reaching threshold) | | **Material** | Ceramic or Resin body with alloy-based thermal pellet | --- ### Key Electronic Parts & Functionality The M3A26TCG-R functions as a non-resettable safety device. Its internal construction consists of three primary electronic/mechanical parts: 1. **The Thermal Element:** A heat-sensitive fusible alloy. When the ambient temperature reaches the rated limit, this alloy melts. 2. **The Spring Mechanism:** Once the alloy melts, a compressed spring is released, physically pulling the contacts apart to break the electrical circuit. 3. **The Housing:** Usually a ceramic or high-temperature plastic case designed to withstand the heat without melting or becoming conductive. ### Application Use Cases * **Small Appliances:** Used in coffee makers, hair dryers, or toasters to prevent fire if the thermostat fails. * **Transformers:** Embedded in windings to prevent overheating due to overcurrent. * **Battery Packs:** Acts as a final layer of protection against thermal runaway. --- ### Comparison with Resettable Protectors | Feature | M3A26TCG-R (TCO) | PTC Thermistor / Bimetal | | :--- | :--- | :--- | | **Reset Capability** | No (One-time use) | Yes (Self-resetting) | | **Safety Level** | High (Fail-safe) | Medium | | **Primary Goal** | Fire Prevention | Overload Protection |
    ✨ Follow-up Questions
    • ⤷ What is the exact functioning temperature for the '26' suffix in this series?
    • ⤷ Can this component be replaced with a higher current rating version?
    • ⤷ How do you test if an M3A26TCG-R has tripped using a multimeter?