công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3A24TCG-R

  • AI
    The **M3A24TCG-R** is a specific high-performance memory module typically used in industrial, networking, or server applications. Below is a breakdown of its technical specifications and electronic architecture. --- ### 1. Technical Specifications Overview This module is a **DDR3L (Low Voltage)** ECC Unbuffered DIMM, designed for reliability in mission-critical environments. | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR3L SDRAM | | **Form Factor** | 240-pin VLP UDIMM (Very Low Profile) | | **Capacity** | 4GB (Standard configuration) | | **Data Rate** | 1600 MT/s (PC3L-12800) | | **Voltage** | 1.35V (Dual voltage capable at 1.5V) | | **Error Correction** | ECC (Error Correcting Code) | | **Organization** | 512Mx72 | --- ### 2. Key Electronic Components The module consists of several integrated circuits (ICs) and passive components mounted on a multi-layer PCB: #### A. SDRAM Memory Chips (The Core) * **Density:** Usually utilizes high-density CMOS bits. * **Architecture:** Organized into 8 internal banks. * **Function:** Stores the actual data. Because this is an ECC module, there are typically **9 chips** instead of 8 (the 9th chip stores the parity/checksum bits used for error detection and correction). #### B. SPD (Serial Presence Detect) EEPROM * **Component:** An 8-pin small-outline IC. * **Role:** Stores the module’s configuration data (timings, CAS latency, manufacturer ID). * **Protocol:** Uses the I2C serial interface to communicate with the system BIOS during startup. #### C. Passive Components * **Decoupling Capacitors:** Small MLCCs (Multi-Layer Ceramic Capacitors) placed near each RAM chip to filter high-frequency noise and stabilize voltage. * **Resistor Networks:** Used for "Termination" (On-Die Termination) to ensure signal integrity and prevent data reflections across the bus. --- ### 3. Special Features: VLP and ECC 1. **VLP (Very Low Profile):** The physical height of the PCB is significantly shorter than standard RAM (usually around 18.75mm). This is electronically critical for **blade servers** or **1U rackmounts** where airflow must be maximized over the components. 2. **ECC (Error Correcting Code):** Unlike standard consumer RAM, the M3A24TCG-R includes extra data lanes to detect and fix single-bit errors. This prevents system crashes caused by "bit-flips" from cosmic rays or electromagnetic interference. --- ### 4. Pin Configuration Example The 240-pin layout follows the JEDEC standard for DDR3 UDIMMs: ```text Pins 1-120: Front side (Data bits, Address lines, Voltage rails) Pins 121-240: Back side (Clock signals, ECC bits, Ground) Key Notch: Located to prevent insertion into DDR2 or DDR4 slots. ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between DDR3 and DDR3L in terms of power consumption?
    • ⤷ In what specific industrial hardware is a VLP UDIMM typically used?
    • ⤷ How does the ECC chip communicate with the CPU's memory controller?